Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3367GR-P Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP3367GR-P
Description  6-Channel, Max.150mA/Ch Boost WLED Driver with 15000:1 Dim Ratio and I²C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3367GR-P Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP3367GR-P Datasheet HTML 10Page - Monolithic Power Systems MP3367GR-P Datasheet HTML 11Page - Monolithic Power Systems MP3367GR-P Datasheet HTML 12Page - Monolithic Power Systems MP3367GR-P Datasheet HTML 13Page - Monolithic Power Systems MP3367GR-P Datasheet HTML 14Page - Monolithic Power Systems MP3367GR-P Datasheet HTML 15Page - Monolithic Power Systems MP3367GR-P Datasheet HTML 16Page - Monolithic Power Systems MP3367GR-P Datasheet HTML 17Page - Monolithic Power Systems MP3367GR-P Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
MP3367
– 6-CHANNEL BOOST WLED DRIVER WITH HIGH DIM RATIO AND I2C
MP3367 Rev. 1.0
www.MonolithicPower.com
14
6/17/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
OPERATION
The MP3367 is a programmable, constant
frequency, peak current mode step-up converter
with up to six channels of regulated current
sources to drive the array of white LEDs.
Internal 5V Regulator
The MP3367 includes an internal linear regulator
(VCC). When VIN exceeds 6V, this regulator
outputs a 5V power supply to the internal
MOSFET switch gate driver and the internal
control circuitry. The VCC voltage drops to 0V
when the chip shuts down. The chip remains
disabled until VCC exceeds the UVLO threshold.
System Start-Up
When enabled, the MP3367 checks the topology
connection. The IC draws current from SD to
enable the input disconnect PMOS to be turned
on (if this PMOS is used). After a 500
μs delay,
the IC monitors OVP to see if the output is
shorted to GND. If the OVP voltage is less than
100mV, the IC disables and latches off. The
MP3367 then continues to check other safety
limits (e.g. LED open, over-voltage protection). If
all protection tests pass, the IC starts boosting
the step-up converter with an internal soft start.
The recommended power-on sequence is VIN 
EN  I2C (optional)  PWM dim signal.
Step-Up Converter
The MP3367 employs peak current mode control
to regulate the output energy. At the beginning
of each switching cycle, the internal clock turns
on the internal N-MOSFET. In normal operation,
the minimum turn-on time is about 100ns. A
stabilizing ramp added to the output of the
current-sense amplifier prevents sub-harmonic
oscillations for duty cycles greater than 50%.
This result is fed into the PWM comparator.
When the summed voltage reaches the output
voltage of the error amplifier, the internal
MOSFET turns off.
The output voltage of the internal error amplifier
is an amplified signal of the difference between
the reference voltage and the feedback voltage.
The converter automatically chooses the lowest
active LEDX pin voltage to provide a high
enough output voltage to power all the LED
arrays.
If the feedback
voltage drops
below
the
reference voltage, the output of the error
amplifier increases. More current then flows
through the MOSFET, increasing the power
delivered to the output. This forms a closed loop
that regulates the output voltage.
During light-load operation, especially in the
case of VOUT
≈ VIN, the converter runs in pulse-
skipping mode. In this mode, the MOSFET turns
on for a minimum on time, then the converter
discharges the power to the output for the
remaining
period.
The
external
MOSFET
remains off until the output voltage needs to be
boosted again.
Dimming Control
The MP3367 provides analog, PWM, and mix
dimming methods. Dimming mode can be set
with I2C or by connecting a different resistor at
MIX/AD. The voltage of MIX/AD is calculated
with Equation (1):
V_MIX/AD(mV) = 18(μA) × R_MIX/AD(kΩ)
(1)
Where V_MIX/AD is the voltage and R_MIX/AD is the
resistor at MIX/AD.
Mix Dimming Mode
There are two different ways the MP3367 works
in mixture dimming mode, with 25% or 12.5% as
its transfer point (selected through the internal
register).
The first option is to connect a resistor and set
MIX/AD to low (<0.3V).
The second is to float MIX/AD, and set the
internal mode-select register MODE1:0 = 00
through I2C.
A PWM dimming signal is applied to DIM. When
the dimming duty is greater than 25%, analog
dimming is adopted, and the LED current
amplitude follows the duty of PWM. When the
dimming duty is less than 25%, PWM dimming is
used (see Figure 2). The LED current amplitude
remains at 1/4 of the full-scale current, and the
output dimming duty is 4 times the duty of the
input PWM signal. There are two options for
output dimming frequency when using mix
dimming: 200Hz (default) or 23kHz (no audible
noise, but larger minimum dimming duty). This



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com