Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3367GR-P Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP3367GR-P
Description  6-Channel, Max.150mA/Ch Boost WLED Driver with 15000:1 Dim Ratio and I²C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3367GR-P Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP3367GR-P Datasheet HTML 12Page - Monolithic Power Systems MP3367GR-P Datasheet HTML 13Page - Monolithic Power Systems MP3367GR-P Datasheet HTML 14Page - Monolithic Power Systems MP3367GR-P Datasheet HTML 15Page - Monolithic Power Systems MP3367GR-P Datasheet HTML 16Page - Monolithic Power Systems MP3367GR-P Datasheet HTML 17Page - Monolithic Power Systems MP3367GR-P Datasheet HTML 18Page - Monolithic Power Systems MP3367GR-P Datasheet HTML 19Page - Monolithic Power Systems MP3367GR-P Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
MP3367
– 6-CHANNEL BOOST WLED DRIVER WITH HIGH DIM RATIO AND I2C
MP3367 Rev. 1.0
www.MonolithicPower.com
16
6/17/2019
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2019 MPS. All Rights Reserved.
LED1 directly follows the input PWM signal, and
LED2 lags 60° behind (see Figure 4).
PWMI
ILED1
ILED2
ILED3
ILED6
t
60º
Figure 4: Phase Shift with Six Channels
Figure 5 shows the phase shift function with four
channels enabled. The shifted phase in this case
is 90°.
PWMI
ILED1
ILED2
ILED3
ILED4
t
90º
Figure 5: Phase Shift with Four Channels
In phase shift operation, the channels must be
disabled in descending order of channel number.
For example, if three strings are employed in
application, then channels 6, 5, and 4 are
disabled.
It is not recommended to tie two channels for one
string of LED with the phase shift function.
Frequency Spread Spectrum
The MP3367 uses switching frequency jitter to
spread the switching frequency spectrum. This
reduces the spectrum spike around the switching
frequency and its harmonic frequencies.
FSP can program the dithering range, and the
modulation frequency is fixed to 1/150 of
switching frequency. When FSP < 0.3V, the jitter
frequency is 1/20 of the central frequency. When
FSP = 0.4V to 1.4V, the jitter frequency is 1/32
of the central frequency. Float FSP to follow the
internal I2C setting.
The frequency jitter range selected by bit FSPR
selects the range. When FSPR = 0 (default), the
jitter frequency is 1/20 of the central frequency.
When FSPR = 1, the jitter frequency is 1/32 of
the central frequency.
The
modulation
frequency
is
selected
by
FSPMF1:0 bits. When FSPMF1:0 = 00, the
modulation frequency is 1/100 of the switching
frequency.
When
FSPMF1:0
=
01,
the
modulation frequency is 1/150 of the switching
frequency.
When
FSPMF1:0
=
10,
the
modulation frequency is 1/200 of the central
frequency. When FSPMF1:0 = 11, default, the
function is disabled.
Protection
The MP3367 includes open LED protection,
short LED protection, short LEDX to GND
protection, over-current protection, short VOUT
to GND protection, and thermal protection. Once
the protection is triggered, FF pulls to GND and
the corresponding fault bit is set to 1. After the IC
recovers from protection, FF releases to high
with a
750μs delay.
Open LED Protection
Open string protection is achieved through
detecting the voltage of OVP and LEDX. During
operation, if one string is open, the respective
LEDX voltage is low to ground, and the IC keeps
charging the output voltage until it reaches the
OVP threshold. If OVP has been triggered, the
chip stops switching and marks off the fault
string, which has an LEDX pin voltage below
100mV. Once marked, the remaining LED
strings force the output voltage back into normal
regulation. The string with the largest voltage
drop determines the output regulation value.
The mark-off string sends a 10
μs pulse current
to check whether an open fault is removed after
every 500
μs delay, so open string protection is
recoverable.
Short String Protection
The MP3367 monitors the LEDX voltages to
determine whether a short string fault has
occurred. When one or more strings are shorted,
the respective LEDX pins tolerate high voltage
stress. If an LEDX voltage exceeds the short
protection threshold, an internal counter starts.
When this fault condition lasts for 7.7ms (DPWM =
100%), the fault string is marked off. Once a
string is marked off, it disconnects from the
output voltage loop until the short is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com