Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-X Datasheet(PDF) 24 Page - Greenlee Communications

Part # DST-SW-X
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-X Datasheet(HTML) 24 Page - Greenlee Communications

Back Button DST-SW-X Datasheet HTML 20Page - Greenlee Communications DST-SW-X Datasheet HTML 21Page - Greenlee Communications DST-SW-X Datasheet HTML 22Page - Greenlee Communications DST-SW-X Datasheet HTML 23Page - Greenlee Communications DST-SW-X Datasheet HTML 24Page - Greenlee Communications DST-SW-X Datasheet HTML 25Page - Greenlee Communications DST-SW-X Datasheet HTML 26Page - Greenlee Communications DST-SW-X Datasheet HTML 27Page - Greenlee Communications DST-SW-X Datasheet HTML 28Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 108 page
background image
300
COMMUNICATIONS
TRUSTED
SINCE
1862
COPPER & DSL TESTING
www.greenlee.com
Precision Tone Generator
• Used in the telecommunications industry for pair identification
and fault locating
• Supplies a precise 577.5Hz crystal controlled signal frequency.
• Variable output allows technicians to adjust signal strength to suit field
conditions and improve accuracy
• Designed to work with any common amplifier and exploring coil for
aerial fault locating
• For communications over inactive pairs, the unit supplies talk battery to
power two telephone test sets (buttsets)
• Each of the three test leads is equipped with traditional bent nose piercing
clips with “bed-of-nails” insulation piercing pins
• The tone generator and test leads fit neatly in a durable, protective woven
polyester carrying case with shoulder strap
• Battery-operated (1 – 6V lantern included)
CAT. NO.
UPC NO.
DESCRIPTION
177
08657
Precision Tone Generator
SPECIFICATIONS
Power Requirements
One 6V lantern battery
Battery Life
40 hours nominal
Transmitter Frequency 577.5Hz pulsed at 1Hz, crystal controlled
Output Voltage
0.1 to 80Vp-p
Output Signal Level
0 to +30dBm
Construction
High impact ABS plastic in woven polyester case
Dimensions
7.25" x 5.5" x 4.5" in case
Weight
3 lbs. with battery
T-Bug® Digital Signal Identifier
• Used to detect digital signals on twisted pair cables, identify and isolate digital
pairs for special handling and help technicians avoid accidentally putting pairs
out of service
• Operation is non-invasive and does not involve metallic contact so there’s
no risk of service interruption
• Simple to use – just place the probe between the pairs in question
• Differential amplifier saves time by allowing the technician to determine
whether the signal is truly present or is an induced signal from adjacent pair
• False readings due to noise are virtually eliminated
• Continuous self test ensures that the unit is functioning properly
• Emits both visible and audible indication when digital signals are present
• Patented
CAT. NO.
UPC NO.
DESCRIPTION
0134-0500
60764
T-Bug® Digital Signal Identifier
177
0134-0500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com