Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-X Datasheet(PDF) 63 Page - Greenlee Communications

Part # DST-SW-X
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-X Datasheet(HTML) 63 Page - Greenlee Communications

Back Button DST-SW-X Datasheet HTML 59Page - Greenlee Communications DST-SW-X Datasheet HTML 60Page - Greenlee Communications DST-SW-X Datasheet HTML 61Page - Greenlee Communications DST-SW-X Datasheet HTML 62Page - Greenlee Communications DST-SW-X Datasheet HTML 63Page - Greenlee Communications DST-SW-X Datasheet HTML 64Page - Greenlee Communications DST-SW-X Datasheet HTML 65Page - Greenlee Communications DST-SW-X Datasheet HTML 66Page - Greenlee Communications DST-SW-X Datasheet HTML 67Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 108 page
background image
339
= NEW PRODUCT
= REPLACEMENT PART
= ACCESSORY
B = BARE TOOL
www.greenlee.com
Ultimate Fiber Tool Kit
This Ultimate Kit contains all the slitters, strippers, and Kevlar® cutters you
will need to start your fiber optic terminations. Also included is the premium
1600 Series Crimper with three interchangeable dies. The Ultimate Tool Bag
also has plenty of room for you to add your consumables
CAT. NO.
DESCRIPTION
WEIGHT
PA4924
Ultimate Fiber Tool Kit
5.65 lbs
ULTIMATE FIBER TOOL KIT INCLUDES
PA1511
Kevlar® Cutter
PA1171
ProGrip 5-in-1 Fiber Optic Stripper
PA1162
Economy Fiber Optic Stripper
PA1161
Adjustable Jacket Stripper
PA1820
AM 25 Slitter
PA1821
AM 35 Slitter
PA1258
LC CST- Mini Stripper
PA1600
1600 Series Crimp Frame
PA2044
PA2664
STII Type Die Set
SMA/SMB/FC/BICONIC Die Set
PA1922-1
Fiber Optic Scribe
PA1920-1
SC/ST/FC Polishing Puck
PA1926-1
LC Polishing Puck
N/A
Plano® Tackle Box
PA4923
Ultimate Tool Bag
FIBER OPTIC KITS
FiberReady Tool Kit
CAT. NO.
DESCRIPTION
WEIGHT
PA906001
FiberReady Tool Kit
3.1 lbs
FIBERREADY TOOL KIT INCLUDES
PA1511
Kevlar® Cutter
PA1171
ProGrip 5-in-1 Fiber Optic Stripper
PA1822
Universal Cable Stripper
PA1600
1600 Series Crimp Frame
PA2044
PA2664
STII Type Die Set
SMA/SMB/FC/BICONIC Die Set
N/A
Zippered Portfolio Case with Handles
This kit contains an assortment of cable sliters, strippers and Kevlar®
cutters to prep fiber optic cable along with our 1600 Series premium
crimper with interchangeable dies
Kevlar is a registered trademark of E.I. Dupont, Inc.
Kevlar is a registered trademark of E.I. Dupont, Inc.
PA4924
PA906001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com