Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DST-SW-X Datasheet(PDF) 102 Page - Greenlee Communications

Part # DST-SW-X
Description  COMMUNICATIONS GREENLEE COMMUNICATIONS OFFERS A COMPLETE LINE OF INNOVATIVE AND INDUSTRY-LEADING TEST & MEASUREMENT SOLUTIONS FOR THE COMMUNICATION SERVICE PROVIDER INDUSTRY.
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

DST-SW-X Datasheet(HTML) 102 Page - Greenlee Communications

Back Button DST-SW-X Datasheet HTML 98Page - Greenlee Communications DST-SW-X Datasheet HTML 99Page - Greenlee Communications DST-SW-X Datasheet HTML 100Page - Greenlee Communications DST-SW-X Datasheet HTML 101Page - Greenlee Communications DST-SW-X Datasheet HTML 102Page - Greenlee Communications DST-SW-X Datasheet HTML 103Page - Greenlee Communications DST-SW-X Datasheet HTML 104Page - Greenlee Communications DST-SW-X Datasheet HTML 105Page - Greenlee Communications DST-SW-X Datasheet HTML 106Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 108 page
background image
378
COMMUNICATIONS
TRUSTED
SINCE
1862
HAND TOOLS
www.greenlee.com
EDAC/ELCO Crimper
Crimp tool for broadcast professionals terminating loose 28-18 AWG
(.08-75 mm2) EDAC and ELCO rack and panel open barrel contacts
• Crimps EDAC pins 516-290-590 & 516-290-591 along with ELCO pins
000-60-8017-03-13
• Embedded pin locators properly align pins to ensure accurate,
reliable crimping
• Fully-ratcheted to prevent under crimping
• Requires low hand force and provides superior crimp force
• True ergonomic design for extreme comfort and performance
• Non-slip, soft rubber handles
• Double-plated for extended long-life and crimping accuracy
• Factory-calibrated and set for precision
CAT. NO.
DESCRIPTION
PA1670
EDAC/ELCO Crimper
SPECIFICATIONS
Weight
19 oz. (538 g)
Pin locators
CAT. NO.
DESCRIPTION
PA1176
Multi-Purpose Electrical Terminal Crimper
Electrical Terminal Crimper
• D-sub Pins & Sockets 26-28 AWG
• Butt-Insulated Connectors 22-26 AWG
• Telephone Piercing Spade Lugs 22-26 AWG
• Open Barrel Connectors 14-18, 20-22 AWG
D-sub Indent Crimpers
CAT. NO.
DESCRIPTION
PA1460
D-sub 4 Indent Crimper 26-20 AWG
PA1461
D-sub 4 Indent Crimper 20-12 AWG
PA1462
D-sub 8 Indent Crimper 26-20 AWG
• Adjustable Pin Height Locator
• Cushion Grips for comfort
PA1460
PA1176
PA1670



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com