Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA240 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA240
Description  INA240 –4-V to 80-V, Bidirectional, Ultra-Precise Current Sense Amplifier With Enhanced PWM Rejection
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA240 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA240 Datasheet HTML 8Page - Texas Instruments INA240 Datasheet HTML 9Page - Texas Instruments INA240 Datasheet HTML 10Page - Texas Instruments INA240 Datasheet HTML 11Page - Texas Instruments INA240 Datasheet HTML 12Page - Texas Instruments INA240 Datasheet HTML 13Page - Texas Instruments INA240 Datasheet HTML 14Page - Texas Instruments INA240 Datasheet HTML 15Page - Texas Instruments INA240 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
high-gain setting and maintains high-performance levels with offset values below 25 µV. These devices allow for
the use of lower shunt resistor values to achieve lower power dissipation and still meet high system performance
specifications.
Table 8-1 shows an example of the different results obtained from using two different gain versions of the
INA240. From the table data, the higher gain device allows a smaller current-shunt resistor and decreased
power dissipation in the element. The Calculating Total Error section provides information on the error
calculations that must be considered in addition to the gain and current-shunt value when designing with the
INA240.
Table 8-1. RSENSE Selection and Power Dissipation(1)
PARAMETER
EQUATION
RESULTS
INA240A1
INA240A4
Gain
—
20 V/V
200 V/V
VDIFF
Ideal maximum differential input voltage
VDIFF = VOUT / Gain
150 mV
15 mV
RSENSE
Current-sense resistor value
RSENSE = VDIFF / IMAX
15 mΩ
1.5 mΩ
PRSENSE
Current-sense resistor power dissipation
RSENSE × IMAX 2
1.5 W
0.15 W
(1)
Full-scale current = 10 A, and full-scale output voltage = 3 V.
8.4 Device Functional Modes
8.4.1 Adjusting the Output Midpoint With the Reference Pins
Figure 8-2 shows a test circuit for reference-divider accuracy. The INA240 output is configurable to allow for
unidirectional or bidirectional operation.
+
±
REF2
REF1
VS
GND
OUT
VS
IN+
IN±
Figure 8-2. Test Circuit For Reference Divider Accuracy
Note
Do not connect the REF1 pin or the REF2 pin to any voltage source lower than GND or higher than
VS.
The output voltage is set by applying a voltage or voltages to the reference voltage inputs, REF1 and REF2. The
reference inputs are connected to an internal gain network. There is no operational difference between the two
reference pins.
8.4.2 Reference Pin Connections for Unidirectional Current Measurements
Unidirectional operation allows current measurements through a resistive shunt in one direction. For
unidirectional operation, connect the device reference pins together and then to the negative rail (see the
Ground Referenced Output section) or the positive rail (see the VS Referenced Output section). The required
differential input polarity depends on the output voltage setting. The amplifier output moves away from the
referenced rail proportional to the current passing through the external shunt resistor. If the amplifier reference
pins are connected to the positive rail, then the input polarity must be negative to move the amplifier output down
INA240
SBOS662C – JULY 2016 – REVISED DECEMBER 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA240



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com