Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA280 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA280
Description  INA280 2.7-V to 120-V, 1.1-MHz, High Precision Current Sense Amplifier in Small (SC-70) Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA280 Datasheet(HTML) 1 Page - Texas Instruments

  INA280 Datasheet HTML 1Page - Texas Instruments INA280 Datasheet HTML 2Page - Texas Instruments INA280 Datasheet HTML 3Page - Texas Instruments INA280 Datasheet HTML 4Page - Texas Instruments INA280 Datasheet HTML 5Page - Texas Instruments INA280 Datasheet HTML 6Page - Texas Instruments INA280 Datasheet HTML 7Page - Texas Instruments INA280 Datasheet HTML 8Page - Texas Instruments INA280 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
INA280 2.7-V to 120-V, 1.1-MHz, High Precision Current Sense Amplifier in Small
(SC-70) Package
1 Features
• Wide common-mode voltage:
– Operational voltage: 2.7 V to 120 V
– Survival voltage: −20 V to +122 V
• Excellent CMRR:
– 120-dB DC (Minimum)
– 85-dB AC at 50 kHz
• Accuracy
– Gain:
• Gain error: ±0.5% (maximum)
• Gain drift: ±20 ppm/°C (maximum)
– Offset:
• Offset voltage: ±150 µV (maximum)
• Offset drift: ±1 µV/°C (maximum)
• Available gains:
– INA280A1: 20 V/V
– INA280A2: 50 V/V
– INA280A3: 100 V/V
– INA280A4: 200 V/V
– INA280A5: 500 V/V
• High bandwidth: 1.1 MHz
• Slew rate: 2 V/µs
• Quiescent current: 370 µA
2 Applications
• Active antenna system mMIMO (AAS)
• Macro remote radio unit (RRU)
• 48-V rack server
• 48-V merchant network & server power supply
• Test and measurement
3 Description
The INA280 is a current sense amplifier that can
measure voltage drops across shunt resistors over a
wide common-mode range from 2.7 V to 120 V. It is in
a highly space-efficient SC-70 package with a PCB
footprint of only 2.0 mm × 2.1 mm. The current
measurement accuracy is achieved thanks to the
combination of an ultra-low offset voltage of ±150 µV
(maximum), a small gain error of ±0.5% (maximum),
and a high DC CMRR of 140 dB (typical). The INA280
is not only designed for DC current measurement, but
also for high-speed applications (like fast overcurrent
protection, for example) with a high bandwidth of 1.1
MHz (at gain of 20 V/V) and an 85-dB AC CMRR (at
50 kHz).
The INA280 operates from a single 2.7-V to 20-V
supply and draws a 370-μA supply current (typical).
The INA280 available with five gain options: 20 V/V,
50 V/V, 100 V/V, 200 V/V, and 500 V/V. The low offset
and drift of the INA280 enables accurate current
sensing over the extended operating temperature
range of −40°C to +125°C.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
INA280
SC-70 (5)
2.00 mm × 1.25 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
SAR
ADC
IN+
IN±
OUT
V
CM
+
±
Buffer
Current
Feedback
V
S
GND
RL
R1
R1
Bias
Load
R
SENSE
I
SENSE
Typical Application
www.ti.com
INA280
SBOSA19 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: INA280
INA280
SBOSA19 – OCTOBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA280

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA280 TI-INA280 Datasheet
1Mb / 25P
INA280 2.7-V to 120-V, 1.1-MHz, High Precision Current Sense Amplifier in Small (SC-70) Package
INA280 TI-INA280 Datasheet
1Mb / 25P
INA280-Q1 AEC-Q100, 2.7-V to 120-V, 1.1-MHz, High Precision Current Sense Amplifier in Small (SC-70) Package
INA280-Q1 TI-INA280-Q1 Datasheet
1Mb / 25P
INA280-Q1 AEC-Q100, 2.7-V to 120-V, 1.1-MHz, High Precision Current Sense Amplifier in Small (SC-70) Package
INA280A1IDCKR TI-INA280A1IDCKR Datasheet
1Mb / 25P
INA280 2.7-V to 120-V, 1.1-MHz, High Precision Current Sense Amplifier in Small (SC-70) Package
INA280A1IDCKT TI-INA280A1IDCKT Datasheet
1Mb / 25P
INA280 2.7-V to 120-V, 1.1-MHz, High Precision Current Sense Amplifier in Small (SC-70) Package
More results

Similar Description - INA280

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA290-Q1 TI1-INA290-Q1 Datasheet
366Kb / 16P
INA290-Q1 AEC-Q100, 2.7-V to 110-V, 800-kHz, Ultra-Precise Current-Sense Amplifier in Small (SC-70) Package
INA293 TI1-INA293 Datasheet
1Mb / 30P
INA293 –4-V to 110-V, 1-MHz, High-Precision Current Sense Amplifier
2019
INA290 TI1-INA290 Datasheet
1Mb / 27P
INA290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current-Sense Amplifier in Small (SC-70) Package
INA290 TI-INA290_V01 Datasheet
1Mb / 27P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA280 TI-INA280 Datasheet
1Mb / 25P
INA280 2.7-V to 120-V, 1.1-MHz, High Precision Current Sense Amplifier in Small (SC-70) Package
INA290-Q1 TI-INA290-Q1_V01 Datasheet
1Mb / 27P
INA290-Q1 AEC-Q100, 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA280-Q1 TI-INA280-Q1 Datasheet
1Mb / 25P
INA280-Q1 AEC-Q100, 2.7-V to 120-V, 1.1-MHz, High Precision Current Sense Amplifier in Small (SC-70) Package
INA290 TI-INA290_V02 Datasheet
1Mb / 32P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA183 TI-INA183 Datasheet
1Mb / 24P
INA183 2.7-V to 26-V, High-Precision Current Sense Amplifier
INA290 TI-INA290_V03 Datasheet
2Mb / 37P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise, Current-Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com