Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA280 Datasheet(PDF) 11 Page - Texas Instruments

Part # INA280
Description  INA280 2.7-V to 120-V, 1.1-MHz, High Precision Current Sense Amplifier in Small (SC-70) Package
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA280 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA280 Datasheet HTML 7Page - Texas Instruments INA280 Datasheet HTML 8Page - Texas Instruments INA280 Datasheet HTML 9Page - Texas Instruments INA280 Datasheet HTML 10Page - Texas Instruments INA280 Datasheet HTML 11Page - Texas Instruments INA280 Datasheet HTML 12Page - Texas Instruments INA280 Datasheet HTML 13Page - Texas Instruments INA280 Datasheet HTML 14Page - Texas Instruments INA280 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
7 Detailed Description
7.1 Overview
The INA280 is a high-side only current-sense amplifier that offers a wide common-mode range, excellent
common-mode rejection ratio (CMRR), high bandwidth, and fast slew rate. Different gain versions are available
to optimize the output dynamic range based on the application. The INA280 is designed using a
transconductance architecture with a current-feedback amplifier that enables low bias currents of 20 µA and a
common-mode voltage of 120 V.
7.2 Functional Block Diagram
IN+
IN±
OUT
V
CM
+
±
Buffer
Current
Feedback
V
S
GND
RL
R1
R1
Bias
Load
R
SENSE
I
SENSE
7.3 Feature Description
7.3.1 Amplifier Input Common-Mode Range
The INA280 supports large input common-mode voltages from 2.7 V to 120 V and features a high DC CMRR of
140 dB (typical) and a 85-dB AC CMRR at 50 kHz. The minimum common-mode voltage is restricted by the
supply voltage as shown in Figure 7-1. The topology of the internal amplifiers INA280 restricts operation to high-
side, current-sensing applications.
Supply Voltage (V)
0
2.5
5
7.5
10
12.5
15
17.5
20
0
1
2
3
4
5
6
7
8
VCM = 2.7V
Figure 7-1. Minimum Common-Mode Voltage vs Supply
www.ti.com
INA280
SBOSA19 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: INA280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com