Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA331 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA331
Description  Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA331 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA331 Datasheet HTML 6Page - Texas Instruments INA331 Datasheet HTML 7Page - Texas Instruments INA331 Datasheet HTML 8Page - Texas Instruments INA331 Datasheet HTML 9Page - Texas Instruments INA331 Datasheet HTML 10Page - Texas Instruments INA331 Datasheet HTML 11Page - Texas Instruments INA331 Datasheet HTML 12Page - Texas Instruments INA331 Datasheet HTML 13Page - Texas Instruments INA331 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
INA331, INA2331
SBOS215C
10
www.ti.com
SETTING THE GAIN
The ratio of R2 to R1, or the impedance between pins 1, 5,
and 6, determines the gain of the INA331. With an internally
set gain of 5, the INA331 can be programmed for gains
greater than 5 according to the following equation:
G = 5 + 5 (R2/R1)
The INA331 is designed to provide accurate gain, with gain
error less than 0.1%. Setting gain with matching TC resistors
will minimize gain drift. Errors from external resistors will add
directly to the error, and may become dominant error sources.
COMMON-MODE INPUT RANGE
The upper limit of the common-mode input range is set by the
common-mode input range of the second amplifier, A2, to
1.2V below positive supply. Under most conditions, the
amplifier operates beyond this point with reduced perfor-
mance. The lower limit of the input range is bounded by the
output swing of amplifier A1, and is a function of the refer-
ence voltage according to the following equation:
VOA1 = 5/4 VCM – 1/4 VREF
(See typical characteristics
Common-Mode Input Range vs
Reference Voltage.)
REFERENCE
The reference terminal defines the zero output voltage level.
In setting the reference voltage, the common-mode input of
A3 should be considered according to the following equation:
VOA2 = VREF + 5 (VIN+ – VIN–)
For ensured operation, VOA2 should be less than
VDD – 1.2V.
The reference pin requires a low-impedance connection. As
little as 160
Ω in series with the reference pin will degrade the
CMRR to 80dB. The reference pin may be used to compen-
sate for the offset voltage (see Offset Trimming section). The
reference voltage level also influences the common-mode
input range (see Common-Mode Input Range section).
INPUT BIAS CURRENT RETURN
With a high input impedance of 1013
Ω, the INA331 is ideal for
use with high-impedance sources. The input bias current of
less than 10pA makes the INA331 nearly independent of
input impedance and ideal for low-power applications.
For proper operation, a path must be provided for input bias
currents for both inputs. Without input bias current paths, the
inputs will “float” to a potential that exceeds common-mode
range and the input amplifier will saturate. Figure 3 shows
FIGURE 3. Providing an Input Common-Mode Path.
how the bias current path can be provided in the cases of
microphone applications, thermistor applications, ground re-
turns, and dc-coupled resistive bridge applications.
When differential source impedance is low, the bias current
return path can be connected to one input. With higher
source impedance, two equal resistors will provide a bal-
anced input. The advantages are lower input offset voltage
due to bias current flowing through the source impedance
and better high-frequency gain.
47k
Ω
Microphone,
Hydrophone,
etc.
Center-tap
provides bias
current return
Bridge resistance
provides bias
current return
Transformer
Bridge
Amplifier
Bridge
Sensor
V
B
(1)
V
B
(1)
V
EX
NOTE: (1) V
B is bias voltage within
common-mode range, dependent
on REF.
INA331
5
3
2
8
7
6
4
1
V+
Shutdown
V
IN–
V–
V
IN+
REF
INA331
5
3
2
8
7
6
4
1
V+
Shutdown
V
IN–
V–
V
IN+
REF
INA331
5
3
2
8
7
6
4
1
V+
Shutdown
V
IN–
V–
V
IN+
REF
V
OUT
RG
V
OUT
RG
V
OUT
RG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com