Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA331 Datasheet(PDF) 14 Page - Texas Instruments

Part # INA331
Description  Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA331 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA331 Datasheet HTML 10Page - Texas Instruments INA331 Datasheet HTML 11Page - Texas Instruments INA331 Datasheet HTML 12Page - Texas Instruments INA331 Datasheet HTML 13Page - Texas Instruments INA331 Datasheet HTML 14Page - Texas Instruments INA331 Datasheet HTML 15Page - Texas Instruments INA331 Datasheet HTML 16Page - Texas Instruments INA331 Datasheet HTML 17Page - Texas Instruments INA331 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
7-Oct-2025
PACKAGING INFORMATION
Orderable part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
INA2331AIPWR
Active
Production
TSSOP (PW) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-55 to 125
INA
2331A
INA2331AIPWR.B
Active
Production
TSSOP (PW) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-55 to 125
INA
2331A
INA2331AIPWRG4
Active
Production
TSSOP (PW) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-55 to 125
INA
2331A
INA2331AIPWRG4.B
Active
Production
TSSOP (PW) | 14
2500 | LARGE T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-55 to 125
INA
2331A
INA2331AIPWT
Active
Production
TSSOP (PW) | 14
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-55 to 125
INA
2331A
INA2331AIPWT.B
Active
Production
TSSOP (PW) | 14
250 | SMALL T&R
Yes
NIPDAU
Level-2-260C-1 YEAR
-55 to 125
INA
2331A
INA331AIDGKR
Active
Production
VSSOP (DGK) | 8
2500 | LARGE T&R
Yes
Call TI
Level-2-260C-1 YEAR
-55 to 125
C31
INA331AIDGKR.B
Active
Production
VSSOP (DGK) | 8
2500 | LARGE T&R
Yes
Call TI
Level-2-260C-1 YEAR
-55 to 125
C31
INA331AIDGKT
Active
Production
VSSOP (DGK) | 8
250 | SMALL T&R
Yes
Call TI
Level-2-260C-1 YEAR
-55 to 125
C31
INA331AIDGKT.B
Active
Production
VSSOP (DGK) | 8
250 | SMALL T&R
Yes
Call TI
Level-2-260C-1 YEAR
-55 to 125
C31
INA331AIDGKTG4
Active
Production
VSSOP (DGK) | 8
250 | SMALL T&R
Yes
Call TI
Level-2-260C-1 YEAR
-55 to 125
C31
INA331IDGKR
Active
Production
VSSOP (DGK) | 8
2500 | LARGE T&R
Yes
Call TI
Level-2-260C-1 YEAR
-55 to 125
C31
INA331IDGKR.B
Active
Production
VSSOP (DGK) | 8
2500 | LARGE T&R
Yes
Call TI
Level-2-260C-1 YEAR
-55 to 125
C31
INA331IDGKT
Active
Production
VSSOP (DGK) | 8
250 | SMALL T&R
Yes
Call TI
Level-2-260C-1 YEAR
-55 to 125
C31
INA331IDGKT.B
Active
Production
VSSOP (DGK) | 8
250 | SMALL T&R
Yes
Call TI
Level-2-260C-1 YEAR
-55 to 125
C31
INA331IDGKTG4
Active
Production
VSSOP (DGK) | 8
250 | SMALL T&R
Yes
Call TI
Level-2-260C-1 YEAR
-55 to 125
C31
(1) Status: For more details on status, see our product life cycle.
(2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance,
reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional
waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind.
(3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition.
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com