Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA210 Datasheet(PDF) 17 Page - Texas Instruments

Part # INA210
Description  INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA210 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA210 Datasheet HTML 13Page - Texas Instruments INA210 Datasheet HTML 14Page - Texas Instruments INA210 Datasheet HTML 15Page - Texas Instruments INA210 Datasheet HTML 16Page - Texas Instruments INA210 Datasheet HTML 17Page - Texas Instruments INA210 Datasheet HTML 18Page - Texas Instruments INA210 Datasheet HTML 19Page - Texas Instruments INA210 Datasheet HTML 20Page - Texas Instruments INA210 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
7.4.2 Multiple Channel Monitoring
The INA3221 monitors shunt and voltage measurements for up to three unique power-supply rails, and
measures up to six different signals. Adjust the number of channels and signals being measured by setting
the channel enable (CH1en to CH3en) and mode (MODE3-1) bits in the Configuration register. This adjustment
allows the device to be optimized based on application requirements for the system in use.
7.4.2.1 Channel Configuration
If all three channels must be monitored at power-up, but only one channel must be monitored after the system
has stabilized, disable the other two channels after power-up. This configuration allows the INA3221 to only
monitor the power-supply rail of interest. Disable unused channels to help improve system response time by
more quickly returning to sampling the channel of interest. The INA3221 linearly monitors the enabled channels.
That is, if all three channels are enabled for both shunt- and bus-voltage measurements, an additional five
conversions complete after a signal is measured before the device returns to that particular signal to begin
another conversion. To reduce this requirement down to two conversions before the device begins a new
conversion on a particular channel again, change the operating mode to monitor only the shunt voltage.
A timing aspect is also involved in reducing the measured signals. The amount of time to complete an all-
channel, shunt- and bus-voltage sequence is equal to the sum of the shunt-voltage conversion time and the
bus-voltage conversion time (programmed by the CT bits in the Configuration register) multiplied by the three
channels. The conversion times for the shunt- and bus-voltage measurements are programmed independently;
however, the selected shunt- and bus-voltage conversion times apply to all channels.
Enable a single channel with only one signal measured to allow for that particular signal to be monitored solely.
This setting enables the fastest response over time to changes in that specific input signal because there is no
delay from the end of one conversion before the next conversion begins on that channel. Conversion time is not
affected by enabling or disabling other channels. Selecting both the shunt- and bus-voltage settings, as well as
enabling additional channels, extends the time from the end of one conversion on a signal before the beginning
of the next conversion of that signal.
www.ti.com
INA3221
SBOS576C – MAY 2012 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com