Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA210 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA210
Description  INA3221 26V, Triple Channel, 13-Bit, I2C Output Current and Voltage Monitor With Alerts
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA210 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA210 Datasheet HTML 6Page - Texas Instruments INA210 Datasheet HTML 7Page - Texas Instruments INA210 Datasheet HTML 8Page - Texas Instruments INA210 Datasheet HTML 9Page - Texas Instruments INA210 Datasheet HTML 10Page - Texas Instruments INA210 Datasheet HTML 11Page - Texas Instruments INA210 Datasheet HTML 12Page - Texas Instruments INA210 Datasheet HTML 13Page - Texas Instruments INA210 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
7 Detailed Description
7.1 Overview
The INA3221 is a current-shunt and bus voltage monitor that communicates over an I2C- and SMBus-compatible
interface. The INA3221 provides digital shunt and bus voltage readings necessary for accurate decision making
in precisely-controlled systems, and also monitors multiple rails to maintain compliance voltages. Programmable
registers offer flexible configuration for measurement precision, and continuous versus single-shot operation.
The Register Maps section provides details of the INA3221 registers, beginning with Table 7-3.
7.2 Functional Block Diagram
Shunt Voltage
Channel
Bus Voltage
Channel
ADC
Shunt Voltage
(1)
Bus Voltage
(1)
Critical Limit
(2)
Warning Limit
(2)
Summation
(1)
Summation Limit
(2)
X
Channel 2
Channel 3
X
Power Valid
Upper Limit
(2)
Power Valid
Lower Limit
(2)
Channel 2
Channel 3
A.
Read-only.
B.
Read/write.
INA3221
SBOS576C – MAY 2012 – REVISED SEPTEMBER 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA3221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com