Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA332 Datasheet(PDF) 13 Page - Texas Instruments

Part # INA332
Description  Low-Power, Single-Supply, CMOS INSTRUMENTATION AMPLIFIERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA332 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA332 Datasheet HTML 9Page - Texas Instruments INA332 Datasheet HTML 10Page - Texas Instruments INA332 Datasheet HTML 11Page - Texas Instruments INA332 Datasheet HTML 12Page - Texas Instruments INA332 Datasheet HTML 13Page - Texas Instruments INA332 Datasheet HTML 14Page - Texas Instruments INA332 Datasheet HTML 15Page - Texas Instruments INA332 Datasheet HTML 16Page - Texas Instruments INA332 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
INA332, INA2332
13
SBOS216B
www.ti.com
APPLICATION CIRCUITS
MEDICAL ECG APPLICATIONS
Figure 9 shows the INA332 configured to serve as a low-cost
ECG amplifier, suitable for moderate accuracy heart-rate
applications such as fitness equipment. The input signals are
obtained from the left and right arms of the patient. The
common-mode voltage is set by two 2M
Ω resistors. This
potential through a buffer provides optional right leg drive.
Filtering can be modified to suit application needs by chang-
ing the capacitor value of the output filter.
LOW-POWER, SINGLE-SUPPLY DATA
ACQUISITION SYSTEMS
Refer to Figure 4 to see the INA332 configured to drive an
ADS7818. Functioning at frequencies of up to 500kHz, the
INA332 is ideal for low-power data acquisition.
FIGURE 9. Simplified ECG Circuit for Medical Applications.
OPA336
OPA336
OPA336
Right Arm
Left Arm
1M
Ω
REF
1M
Ω
1M
Ω
10k
Ω
10k
Ω
2k
Ω
2k
Ω
1.6nF
0.1
µF
100k
Ω
100k
Ω
+5V
V
R
V
R
V
R = +2.5V
2M
Ω
2M
Ω
Right
Leg
INA332
5
3
2
8
7
6
4
1
V+
Shutdown
RG
V
IN–
V–
V
IN+
V
OUT PUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com