Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA159 Datasheet(PDF) 7 Page - Texas Instruments

Part # INA159
Description  INA826 Precision, 200-μA Supply Current, 3-V to 36-V Supply Instrumentation Amplifier With Rail-to-Rail Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA159 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA159 Datasheet HTML 3Page - Texas Instruments INA159 Datasheet HTML 4Page - Texas Instruments INA159 Datasheet HTML 5Page - Texas Instruments INA159 Datasheet HTML 6Page - Texas Instruments INA159 Datasheet HTML 7Page - Texas Instruments INA159 Datasheet HTML 8Page - Texas Instruments INA159 Datasheet HTML 9Page - Texas Instruments INA159 Datasheet HTML 10Page - Texas Instruments INA159 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
1+
49.4kW
R
G
7
INA826
www.ti.com
SBOS562G – AUGUST 2011 – REVISED JUNE 2020
Product Folder Links: INA826
Submit Documentation Feedback
Copyright © 2011–2020, Texas Instruments Incorporated
Electrical Characteristics (continued)
at TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(4)
The values specified for G > 1 do not include the effects of the external gain-setting resistor, RG.
GAIN
G
Gain equation
V/V
Range of gain
1
1000
V/V
GE
Gain error
G = 1, VO = ±10 V
±0.003%
±0.015%
G = 10, VO = ±10 V
±0.03%
±0.15%
G = 100, VO = ±10 V
±0.04%
±0.15%
G = 1000, VO = ±10 V
±0.04%
±0.15%
Gain vs temperature(4)
G = 1, TA = –40°C to +125°C
±0.1
±1
ppm/°C
G > 1, TA = –40°C to +125°C
±10
±35
Gain nonlinearity
G = 1 to 100, VO = –10 V to +10 V
1
5
ppm
G = 1000, VO = –10 V to +10 V
5
20
OUTPUT
Voltage swing
RL = 10 kΩ
(V–) + 0.1
(V+) – 0.15
V
Load capacitance stability
1000
pF
ZO
Open-loop output impedance
See Figure 56
ISC
Short-circuit current
Continuous to VS / 2
±16
mA
FREQUENCY RESPONSE
BW
Bandwidth, –3 dB
G = 1
1
MHz
G = 10
500
kHz
G = 100
60
G = 1000
6
SR
Slew rate
G = 1, VO = ±14.5 V
1
V/µs
G = 100, VO = ±14.5 V
1
tS
Settling time
0.01%
G = 1, VSTEP = 10 V
12
µs
G = 10, VSTEP = 10 V
12
G = 100, VSTEP = 10 V
24
G = 1000, VSTEP = 10 V
224
0.001%
G = 1, VSTEP = 10 V
14
G = 10, VSTEP = 10 V
14
G = 100, VSTEP = 10 V
31
G = 1000, VSTEP = 10 V
278
REFERENCE INPUT
RIN
Input impedance
100
kΩ
Voltage range
(V–)
(V+)
V
Gain to output
1
V/V
Reference gain error
0.01%
POWER SUPPLY
IQ
Quiescent current
VIN = 0 V
200
250
µA
vs temperature, TA = –40°C to +125°C
250
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com