Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA159 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA159
Description  INA826 Precision, 200-μA Supply Current, 3-V to 36-V Supply Instrumentation Amplifier With Rail-to-Rail Output
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA159 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA159 Datasheet HTML 6Page - Texas Instruments INA159 Datasheet HTML 7Page - Texas Instruments INA159 Datasheet HTML 8Page - Texas Instruments INA159 Datasheet HTML 9Page - Texas Instruments INA159 Datasheet HTML 10Page - Texas Instruments INA159 Datasheet HTML 11Page - Texas Instruments INA159 Datasheet HTML 12Page - Texas Instruments INA159 Datasheet HTML 13Page - Texas Instruments INA159 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
−40−35−30−25−20−15−10 −5 0
5 10 15 20 25 30 35 40
−12m
−9m
−6m
−3m
0
3m
6m
9m
12m
−16
−12
−8
−4
0
4
8
12
16
Input Voltage (V)
IIN
VOUT
G065
−40−35−30−25−20−15−10 −5 0
5 10 15 20 25 30 35 40
−8m
−6m
−4m
−2m
0
2m
4m
6m
8m
−16
−12
−8
−4
0
4
8
12
16
Input Voltage (V)
IIN
VOUT
G064
−16
−14
−12
−10
−8
−6
−4
−2
0
2
4
6
8
10
12
14
16
−16−14−12−10 −8 −6 −4 −2 0
2
4
6
8 10 12 14 16
Output Voltage (V)
VS= ±15 V
VS= ±12 V
G040
−16
−14
−12
−10
−8
−6
−4
−2
0
2
4
6
8
10
12
14
16
−16−14−12−10 −8 −6 −4 −2 0
2
4
6
8 10 12 14 16
Output Voltage (V)
VS= ±15 V
VS= ±12 V
G040
−4
−3
−2
−1
0
1
2
3
−4
−3
−2
−1
0
1
2
3
4
Output Voltage (V)
G = 1
G = 100
G039
−6
−5
−4
−3
−2
−1
0
1
2
3
4
5
−6
−5
−4
−3
−2
−1
0
1
2
3
4
5
6
Output Voltage (V)
G = 1
G = 100
G038
10
INA826
SBOS562G – AUGUST 2011 – REVISED JUNE 2020
www.ti.com
Product Folder Links: INA826
Submit Documentation Feedback
Copyright © 2011–2020, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = 0 V, and G = 1 (unless otherwise noted)
Dual supply
Figure 13. Input Common-Mode Voltage vs Output Voltage
Dual supply
Figure 14. Input Common-Mode Voltage vs Output Voltage
Dual supply
Figure 15. Input Common-Mode Voltage vs Output Voltage
Dual supply
Figure 16. Input Common-Mode Voltage vs Output Voltage
G = 1
Figure 17. Input Overvoltage vs Input Current
G = 1
Figure 18. Input Overvoltage vs Input Current
With 10-kΩ Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com