Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151RD Datasheet(PDF) 48 Page - STMicroelectronics

Part # STM32L151RD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151RD Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STM32L151RD Datasheet HTML 44Page - STMicroelectronics STM32L151RD Datasheet HTML 45Page - STMicroelectronics STM32L151RD Datasheet HTML 46Page - STMicroelectronics STM32L151RD Datasheet HTML 47Page - STMicroelectronics STM32L151RD Datasheet HTML 48Page - STMicroelectronics STM32L151RD Datasheet HTML 49Page - STMicroelectronics STM32L151RD Datasheet HTML 50Page - STMicroelectronics STM32L151RD Datasheet HTML 51Page - STMicroelectronics STM32L151RD Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 154 page
background image
Pin descriptions
STM32L151xD STM32L152xD
48/154
DocID022027 Rev 11
135 C5
91 57 A5
PB5
I/O
FT
PB5
TIM3_CH2/I2C1_SMBA/
SPI1_MOSI/
SPI3_MOSI/
I2S3_SD/LCD_SEG9
COMP2_INP
136
B5
92 58 B5
PB6
I/O
FT
PB6
TIM4_CH1/I2C1_SCL/
USART1_TX/
COMP2_INP
137
B4
93 59 C5
PB7
I/O
FT
PB7
TIM4_CH2/I2C1_SDA/
USART1_RX/FSMC_NADV
COMP2_INP/
PVD_IN
138
A4
94 60 A6
BOOT0
I
B
BOOT0
-
-
139
A3
95 61 D5
PB8
I/O
FT
PB8
TIM4_CH3/TIM10_CH1/
I2C1_SCL/
LCD_SEG16/SDIO_D4
-
140
B3
96 62 B6
PB9
I/O
FT
PB9
TIM4_CH4/
TIM11_CH1/I2C1_SDA/
LCD_COM3/ SDIO_D5
-
141 C3
97
-
-
PE0
I/O
FT
PE0
TIM4_ETR/TIM10_CH1/
LCD_SEG36/FSMC_NBL0
-
142
A2
98
-
-
PE1
I/O
FT
PE1
TIM11_CH1/LCD_SEG37
/FSMC_NBL1
-
143 D3
99 63 A7
VSS_3
S-
VSS_3
--
144 C4 100 64 A8
VDD_3
S-
VDD_3
--
1. I = input, O = output, S = supply.
2. Function availability depends on the chosen device.
3. Applicable to STM32L152xD devices only. In STM32L151xD devices, this pin should be connected to VDD.
4. The PC14 and PC15 I/Os are only configured as OSC32_IN/OSC32_OUT when the LSE oscillator is ON (by setting the
LSEON bit in the RCC_CSR register). The LSE oscillator pins OSC32_IN/OSC32_OUT can be used as general-purpose
PH0/PH1 I/Os, respectively, when the LSE oscillator is off (after reset, the LSE oscillator is off). The LSE has priority over
the GPIO function. For more details, refer to Using the OSC32_IN/OSC32_OUT pins as GPIO PC14/PC15 port pins
section in the STM32L151xx, STM32L152xx and STM32L162xx reference manual (RM0038).
5. The PH0 and PH1 I/Os are only configured as OSC_IN/OSC_OUT when the HSE oscillator is ON (by setting the HSEON
bit in the RCC_CR register). The HSE oscillator pins OSC_IN/OSC_OUT can be used as general-purpose PH0/PH1 I/Os,
respectively, when the HSE oscillator is off ( after reset, the HSE oscillator is off ). The HSE has priority over the GPIO
function.
Table 8. STM32L151xD and STM32L152xD pin definitions (continued)
Pins
Pin name
Main
function(2)
(after reset)
Pin functions
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com