Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151RD Datasheet(PDF) 73 Page - STMicroelectronics

Part # STM32L151RD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151RD Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STM32L151RD Datasheet HTML 69Page - STMicroelectronics STM32L151RD Datasheet HTML 70Page - STMicroelectronics STM32L151RD Datasheet HTML 71Page - STMicroelectronics STM32L151RD Datasheet HTML 72Page - STMicroelectronics STM32L151RD Datasheet HTML 73Page - STMicroelectronics STM32L151RD Datasheet HTML 74Page - STMicroelectronics STM32L151RD Datasheet HTML 75Page - STMicroelectronics STM32L151RD Datasheet HTML 76Page - STMicroelectronics STM32L151RD Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 154 page
background image
DocID022027 Rev 11
73/154
STM32L151xD STM32L152xD
Electrical characteristics
129
IDD (Stop)
Supply current in
Stop mode (RTC
disabled)
Regulator in LP mode, HSI and
HSE OFF, independent
watchdog and LSI enabled
TA = -40°C to 25°C
1.6
2.2
µA
Regulator in LP mode, LSI, HSI
and HSE OFF (no independent
watchdog)
TA = -40°C to 25°C
0.475
1
TA = 55°C
0.915
3
TA= 85°C
3.35
9
TA = 105°C
10.0
22(5)
IDD
(WU from
Stop)
Supply current during
wakeup from Stop
mode
MSI = 4.2 MHz
TA = -40°C to 25°C
2-
mA
MSI = 1.05 MHz
1.45
-
MSI = 65 kHz(6)
1.45
-
1. Guaranteed by characterization results, unless otherwise specified.
2. LCD enabled with external VLCD, static duty, division ratio = 256, all pixels active, no LCD connected.
3. LCD enabled with external VLCD, 1/8 duty, 1/3 bias, division ratio = 64, all pixels active, no LCD connected.
4. Based on characterization done with a 32.768 kHz crystal (MC306-G-06Q-32.768, manufacturer JFVNY) with two 6.8 pF
loading capacitors.
5. Guaranteed by test in production.
6. When MSI = 64 kHz, the RMS current is measured over the first 15 µs following the wakeup event. For the remaining part
of the wakeup period, the current corresponds the Run mode current.
Table 22. Typical and maximum current consumptions in Stop mode (continued)
Symbol
Parameter
Conditions
Typ
Max(1) Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com