Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151VD Datasheet(PDF) 151 Page - STMicroelectronics

Part # STM32L151VD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151VD Datasheet(HTML) 151 Page - STMicroelectronics

Back Button STM32L151VD Datasheet HTML 146Page - STMicroelectronics STM32L151VD Datasheet HTML 147Page - STMicroelectronics STM32L151VD Datasheet HTML 148Page - STMicroelectronics STM32L151VD Datasheet HTML 149Page - STMicroelectronics STM32L151VD Datasheet HTML 150Page - STMicroelectronics STM32L151VD Datasheet HTML 151Page - STMicroelectronics STM32L151VD Datasheet HTML 152Page - STMicroelectronics STM32L151VD Datasheet HTML 153Page - STMicroelectronics STM32L151VD Datasheet HTML 154Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 151 / 154 page
background image
DocID022027 Rev 11
151/154
STM32L151xD STM32L152xD
Revision History
153
07-Apr-2014
7
Updated current consumption in Section : Features.
Updated Section 2.2: Ultra-low-power device continuum.
Updated Table 3: Functionalities depending on the operating power
supply range..
Added VDD= 1.71 to 1.8 V operating power supply range in Table 5:
Functionalities depending on the working mode (from Run/active down
to standby).
Updated Section 3.10: LCD (liquid crystal display) to remove VLCD rail
decoupling.
Updated Section 3.16: Touch sensing.
Updated Figure 5: Pin loading conditions.
Updated Figure 6: Pin input voltage.
Updated Figure 11: Power supply scheme.
Updated Table 10: Voltage characteristics (added row).
Updated Table 11: Current characteristics.
Updated Table 13: General operating conditions. Removed figures
“Power supply and reference decoupling (VREF+ not connected to
VDDA) and “Power supply and reference decoupling (VREF+ connected
to VDDA).
Updated Table 15: Embedded internal reference voltage calibration
values and moved inside Section 6.3.3: Embedded internal reference
voltage.
Updated Section 6.3.4: Supply current characteristics.
Updated Table 17: Current consumption in Run mode, code with data
processing running from Flash, Table 18: Current consumption in Run
mode, code with data processing running from RAM, Table 19: Current
consumption in Sleep mode, Table 20: Current consumption in Low-
power run mode, Table 21: Current consumption in Low-power sleep
mode, Table 22: Typical and maximum current consumptions in Stop
mode, and Table 23: Typical and maximum current consumptions in
Standby mode.
Added Section 6.3.5: Wakeup time from low-power mode.
Updated Section 6.3.6: External clock source characteristics.
Moved Figure 14: High-speed external clock source AC timing diagram
after Table 26: High-speed external user clock characteristics.
Updated Figure 17: Typical application with a 32.768 kHz crystal.
Updated Table 28: HSE oscillator characteristics.
Updated Section 6.3.12: Electrical sensitivity characteristics (title).
Updated Section 6.3.13: I/O current injection characteristics. Updated
Table 49: I/O current injection susceptibility and added footnote.
Updated conditions in Table 51: Output voltage characteristics.
Updated Section 6.3.15: NRST pin characteristics.Updated Figure 27:
Recommended NRST pin protection. Updated Table 53: NRST pin
characteristics.
Table 82. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com