Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L151VD Datasheet(PDF) 152 Page - STMicroelectronics

Part # STM32L151VD
Description  Ultra-low-power 32-bit MCU ARM® Cortex®-M3, 384KB Flash, 48KB SRAM, 12KB EEPROM, LCD, USB, ADC, DAC, memory I/F
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L151VD Datasheet(HTML) 152 Page - STMicroelectronics

Back Button STM32L151VD Datasheet HTML 146Page - STMicroelectronics STM32L151VD Datasheet HTML 147Page - STMicroelectronics STM32L151VD Datasheet HTML 148Page - STMicroelectronics STM32L151VD Datasheet HTML 149Page - STMicroelectronics STM32L151VD Datasheet HTML 150Page - STMicroelectronics STM32L151VD Datasheet HTML 151Page - STMicroelectronics STM32L151VD Datasheet HTML 152Page - STMicroelectronics STM32L151VD Datasheet HTML 153Page - STMicroelectronics STM32L151VD Datasheet HTML 154Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 152 / 154 page
background image
Revision History
STM32L151xD STM32L152xD
152/154
DocID022027 Rev 11
07-Apr-2014
7
(continued)
Updated Figure 28: I2C bus AC waveforms and measurement circuit.
Updated “SDA data hold time” and “SDA and SCL rise time” values
and added “Pulse width of spikes that are suppressed by the analog
filter” row in Table 55: I2C characteristics.
Updated Table 64: ADC characteristics and Table 65: ADC accuracy.
Updated Table 67: DAC characteristics.
Updated Table 69: Temperature sensor calibration values and moved
inside Section 6.3.22: Temperature sensor characteristics. Removed
note 4 in Table 70: Temperature sensor characteristics.
Updated Table 76: LQFP64, 10 x 10 mm 64-pin low-profile quad flat
package mechanical data and Table 77: UFBGA132, 7 x 7 mm, 132-
ball ultra thin, fine-pitch ball grid array package mechanical data.
Updated Section 8: Part numbering (title).
Added Table 50: UFBGA132, 7 x 7 mm, 132-ball ultra thin, fine-pitch
ball grid array package recommended footprint..
23-Oct-2014
8
Updated Section 3.18: Communication interfaces putting I2S
characteristics inside.
Updated DMIPS features in cover page and Section 2: Description.
Updated max temperature at 105°C instead of 85°C in the whole
datasheet.
Updated currents consumption in Table 19: Current consumption in
Sleep mode.
Updated Table 24: Peripheral current consumption with new measured
current values.
Updated Table 66: Maximum source impedance RAIN max adding
note 2.
04-Feb-2015
9
Updated Section 7: Package information with new package device
marking.
Updated Figure 8: Memory map.
Table 82. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com