Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C30 Datasheet(PDF) 1 Page - STMicroelectronics

Part # C30
Description  Memory Micromodules General Information for D1, D2 and C Packaging
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

C30 Datasheet(HTML) 1 Page - STMicroelectronics

  C30 Datasheet HTML 1Page - STMicroelectronics C30 Datasheet HTML 2Page - STMicroelectronics C30 Datasheet HTML 3Page - STMicroelectronics C30 Datasheet HTML 4Page - STMicroelectronics C30 Datasheet HTML 5Page - STMicroelectronics C30 Datasheet HTML 6Page - STMicroelectronics C30 Datasheet HTML 7Page - STMicroelectronics C30 Datasheet HTML 8Page - STMicroelectronics C30 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
December 1999
D10, D15, D20, D22, C20, C30
MICROMODULES
Memory Micromodules
General Information for D1, D2 and C Packaging
s
Micromodules were developed specifically for
embedding in Smartcards and Memory Cards
s
The Micromodule provides:
– Support for the chip
– Electrical contacts
– Suitable embedding interface for gluing the
module to the plastic package
s
Physical dimensions and contact positions
compliant to the ISO 7816 standard
s
Micromodules delivered as a continuous Super
35 mm tape. (This differs from the standard
35 mm tape in the spacing distance between
the indexing holes.)
DESCRIPTION
Memory Cards consist of two main parts: the
plastic card, and the embedded Micromodule
(which, in turn, carries the silicon chip).
The plastic card is made of PVC, ABS or similar
material, and can be over-printed with graphics,
text, and magnetic strips. The Micromodule is
embedded in a cavity in the plastic card.
The Micromodules are mounted on Super 35 mm
metallized epoxy tape, and are delivered on reels.
These contain all of the chips from a number of
wafers, including those chips that were found to be
non-functioning during testing. Traceability is
ensured by a label fixed on the reel.
D10
D20
potting side
contact side
D15
D22
C30
C20
Table 1. Memory Card and Memory Tag Integrated Circuits
Modul e
Please see the data briefing sheets of these products for example illustrations of these
micromodules
D10
ST1200, ST1305B, ST1331, ST1333, ST1335, ST1336, ST1353, ST1355
D15
ST14C02, ST1305B, ST1335, ST1336, ST1355
D20
ST14C02, M14C04, M14C16, M14C32
D22
M14C64, M14128, M14256
C30
M35101, M35102
C20
M35101, M35102


Similar Part No. - C30

ManufacturerPart #DatasheetDescription
logo
Powerbox
C30 POWERBOX-C30 Datasheet
2Mb / 2P
1 WATTS 100-8KV SINGLE OUTPUT DC/DC INDUSTRIAL
logo
XP Power Limited
C30 XPPOWER-C30 Datasheet
981Kb / 12P
MINIATURE, REGULATED HIGH VOLTAGE DC TO DC CONVERTERS
logo
List of Unclassifed Man...
C300 ETC2-C300 Datasheet
696Kb / 4P
MONOLITHIC WIDEBAND CRT DISTORTION CORRECTION DEVICE
logo
Powerbox
C300 POWERBOX-C300 Datasheet
376Kb / 1P
150 WATTS (AC) DC/DC SINGLE OUTPUT
logo
Intronics Power, Inc.
C300 INTRONICS-C300 Datasheet
646Kb / 4P
MOLOLITHIC WIDEBAND CRT DISTORTION CORRECTION DEVICE
More results

Similar Description - C30

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS51622ARSMR TI-TPS51622ARSMR Datasheet
829Kb / 10P
PACKAGING INFORMATION
logo
Vishay Siliconix
SS23-E3 VISHAY-SS23-E3 Datasheet
246Kb / 9P
Packaging Information
01-Feb-13
logo
Fairchild Semiconductor
FQB44N10TM FAIRCHILD-FQB44N10TM Datasheet
329Kb / 2P
D2-PAK Tape and Reel Data D2-PAK Packaging Configuration: Figure 1.0
logo
Vishay Siliconix
US1M-E35AT VISHAY-US1M-E35AT Datasheet
396Kb / 9P
Packaging Information
05-Mar-14
SIHP33N60E VISHAY-SIHP33N60E Datasheet
396Kb / 9P
Packaging Information
18-Mar-14
logo
Torex Semiconductor
SMA-XG TOREX-SMA-XG Datasheet
76Kb / 1P
Packaging Information
SOD-123P TOREX-SOD-123P Datasheet
173Kb / 2P
Packaging Information
SOT-23D TOREX-SOT-23D Datasheet
229Kb / 3P
Packaging Information
TO-252 TOREX-TO-252 Datasheet
121Kb / 2P
Packaging Information
USPN-6B01 TOREX-USPN-6B01 Datasheet
261Kb / 3P
Packaging Information
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com