Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SFA619201R1016 Datasheet(PDF) 21 Page - ABB

Part # 1SFA619201R1016
Description  Pilot devices The core offering
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

1SFA619201R1016 Datasheet(HTML) 21 Page - ABB

Back Button 1SFA619201R1016 Datasheet HTML 16Page - ABB 1SFA619201R1016 Datasheet HTML 17Page - ABB 1SFA619201R1016 Datasheet HTML 18Page - ABB 1SFA619201R1016 Datasheet HTML 19Page - ABB 1SFA619201R1016 Datasheet HTML 20Page - ABB 1SFA619201R1016 Datasheet HTML 21Page - ABB 1SFA619201R1016 Datasheet HTML 22Page - ABB 1SFA619201R1016 Datasheet HTML 23Page - ABB 1SFA619201R1016 Datasheet HTML 24Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Pilot devices core offering catalog | 1SFC151006C0201 | 21
Buzzers
CL2-502R
CL2-502G
CL2-502Y
CL2-502L
CL2-502C
Color
Rated
current
mA
Anti-inductive
Voltage
(Vpeak)
Wavelength nm Illumination
Ix
Type
Order code
Pkg
qty
Rated voltage 24 V AC/DC
l
Red
16
6
625
80
CL2-502R 1SFA619403R5021
10
l
Green
16
6
520
135
CL2-502G 1SFA619403R5022
10
l
Yellow
16
6
590
55
CL2-502Y 1SFA619403R5023
10
l
Blue
16
6
470
10
CL2-502L 1SFA619403R5024
10
l
Clear
16
6
(X=0.31,Y=0.32)
230
CL2-502C 1SFA619403R5028
10
Rated voltage 110-130 V AC
l
Red
15-17
20
625
85
CL2-513R 1SFA619403R5131
10
l
Green
15-17
20
520
90
CL2-513G 1SFA619403R5132
10
l
Yellow
15-17
20
590
85
CL2-513Y 1SFA619403R5133
10
Rated voltage 110-130 V DC
l
Red
8-9
20
625
55
CL2-515R 1SFA619403R5151
10
l
Green
8-9
20
520
125
CL2-515G 1SFA619403R5152
10
l
Yellow
8-9
20
590
50
CL2-515Y 1SFA619403R5153
10
Rated voltage 220 V DC
l
Red
6
20
625
40
CL2-520R 1SFA619403R5201
10
l
Green
6
20
520
90
CL2-520G 1SFA619403R5202
10
l
Yellow
6
20
590
30
CL2-520Y 1SFA619403R5203
10
Rated voltage 230 V AC
l
Red
17
30
625
95
CL2-523R 1SFA619403R5231
10
l
Green
17
35
520
155
CL2-523G 1SFA619403R5232
10
l
Yellow
17
35
590
70
CL2-523Y 1SFA619403R5233
10
l
Blue
17
35
470
10
CL2-523L 1SFA619403R5234
10
l
Clear
17
35
(X=0.31,Y=0.32)
225
CL2-523C 1SFA619403R5238
10
Rated voltage 380-415 V AC
l
Red
15-17
55
625
85
CL2-524R 1SFA619403R5421
10
l
Green
15-17
65
520
130
CL2-524G 1SFA619403R5422
10
Compact range
Pilot lights
CB1-610R
CB1-620B
Color
Lights and
sound output
Rated cur-
rent
mA
Luminance
mcd
Type
Order Code
Pkg
qty
Illuminated
Rated voltage 24 V AC/DC
l
Red
Pulsation
53
60
CB1-610R 1SFA619600R6101
10
Rated voltage 110-130 V AC
l
Red
Pulsation
70
60
CB1-611R 1SFA619600R6111
10
Rated voltage 110-130 V DC
l
Red
Pulsation
15
60
CB1-612R 1SFA619600R6121
10
Rated voltage 230 V AC
l
Red
Pulsation
70
60
CB1-613R 1SFA619600R6131
10
Non-illuminated
Rated voltage 24 V AC/DC
l
Black
Continuous
40
-
CB1-620B 1SFA619600R6206
10
l
Black
Pulsation
48
-
CB1-630B 1SFA619600R6306
10
Rated voltage 110-130 V AC
l
Black
Continuous
40
-
CB1-621B 1SFA619600R6216
10
l
Black
Pulsation
48
-
CB1-631B 1SFA619600R6316
10
Rated voltage 110-130 V DC
l
Black
Continuous
15
-
CB1-622B 1SFA619600R6226
10
l
Black
Pulsation
15
-
CB1-632B 1SFA619600R6326
10
Rated voltage 230 V AC
l
Black
Continuous
40
-
CB1-623B 1SFA619600R6236
10
l
Black
Pulsation
40
-
CB1-633B 1SFA619600R6336
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com