Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SFA619201R1016 Datasheet(PDF) 13 Page - ABB

Part # 1SFA619201R1016
Description  Pilot devices The core offering
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

1SFA619201R1016 Datasheet(HTML) 13 Page - ABB

Back Button 1SFA619201R1016 Datasheet HTML 9Page - ABB 1SFA619201R1016 Datasheet HTML 10Page - ABB 1SFA619201R1016 Datasheet HTML 11Page - ABB 1SFA619201R1016 Datasheet HTML 12Page - ABB 1SFA619201R1016 Datasheet HTML 13Page - ABB 1SFA619201R1016 Datasheet HTML 14Page - ABB 1SFA619201R1016 Datasheet HTML 15Page - ABB 1SFA619201R1016 Datasheet HTML 16Page - ABB 1SFA619201R1016 Datasheet HTML 17Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Pilot devices core offering catalog | 1SFC151006C0201 | 13
Description
Bezel
Type
Order code
Pkg
qty
Complete potentiometers
Black knob with integrated position indication and marking in white
With resistor 5 kohm
Black plastic
MT-105B
1SFA611410R1056
1
With resistor 5 kohm
Chrome metal
MT-305B
1SFA611410R3056
1
With resistor 10 kohm
Black plastic
MT-110B
1SFA611410R1106
1
With resistor 10 kohm
Chrome metal
MT-310B
1SFA611410R3106
1
MT-105B
MJS2-60B
Joysticks IP67 and IP69K
Toggle switches
How to order:
See page "Assemblies" on page 14.
Description
Bezel
Type
Order code
Pkg
qty
Joystick
2-position momentary
Chrome metal
MJS2-60B
1SFA611702R6006
1
4-position momentary
Chrome metal
MJS6-60B
1SFA611706R6006
1
MTS2-10B
How to order:
See page "Assemblies" on page 14.
Description
Bezel
Type
Order code
Pkg
qty
2-positions
Maintained
Black plastic
MTS1-10B
1SFA611300R1006
10
3-positions
Momentary, spring return from A
to B and from C to B
Black plastic
MTS2-10B
1SFA611301R1006
10
Modular range
Potentiometers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com