Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7575BPD Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7575BPD
Description  2 x 75W multifunction dual-bridge power amplifier with integrated digital diagnostics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7575BPD Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7575BPD Datasheet HTML 3Page - STMicroelectronics TDA7575BPD Datasheet HTML 4Page - STMicroelectronics TDA7575BPD Datasheet HTML 5Page - STMicroelectronics TDA7575BPD Datasheet HTML 6Page - STMicroelectronics TDA7575BPD Datasheet HTML 7Page - STMicroelectronics TDA7575BPD Datasheet HTML 8Page - STMicroelectronics TDA7575BPD Datasheet HTML 9Page - STMicroelectronics TDA7575BPD Datasheet HTML 10Page - STMicroelectronics TDA7575BPD Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
TDA7575B
Electrical specifications
Doc ID 14103 Rev 3
7/32
Po
Output power
Single channel configuration
(1
 pin > 2.5 V); R
L = 1 ;
THD 3 %
Max. power(1)
80
140
84
150
-W
THD
Total harmonic distortion
Po = 1-12 W; STD mode
HE mode; Po = 1-2 W
HE mode; Po = 4-8 W
-
0.03
0.03
0.5
0.1
0.1
%
Po = 1-12 W, f = 10 kHz
-
0.15
0.5
%
RL = 2; HE mode; Po = 3 W
-
0.03
0.5
%
Single channel configuration
(1
 pin > 2.5 V); R
L = 1;
Po = 4-30 W
-0.02
0.1
%
CT
Cross talk
Rg = 600 Po = 1 W
60
75
-
dB
RIN
Input impedance
-
60
100
130
k
GV1
Voltage gain 1 (default)
-
25
26
27
dB
G
V1
Voltage gain match 1
-
-1
0
1
dB
GV2
Voltage gain 2
-
11
12
13
dB
G
V2
Voltage gain match 2
-
-1
0
1
dB
EIN1
Output noise voltage gain 1
Rg = 600 ; Gv = 26 dB
filter 20 to 22 kHz
-40
60
V
EIN2
Output noise voltage gain 2
Rg = 600 ; Gv = 12d B
filter 20 to 22 kHz
-15
25
V
SVR
Supply voltage rejection
f = 100 Hz to 10 kHz; Vr = 1 Vpk;
Rg = 600 
50
60
-
dB
BW
Power bandwidth
(-3 dB)
100
-
-
KHz
ASB
Standby attenuation
-
90
100
-
dB
ISB
Standby current consumption
Vst-by = 0 V
-
2
10
A
AM
Mute attenuation
-
80
90
dB
VOS
Offset voltage
Mute and play
-45
0
45
mV
VAM
Min. supply mute threshold
-
7
7.5
8
V
CMRR
Input CMRR
VCM = 1 Vpk-pk; Rg = 0 
56
60
dB
VMC
Maximum common mode input
level
f = 1 kHz
-
-
1
Vrms
SR
Slew rate
-
1.5
4
-
V/
s
V
OS
During mute on/off output offset
voltage
ITU R-ARM weighted
see Figure 23
-10
-
+10
mV
During standby on/off output
offset voltage
-10
-
+10
mV
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com