Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7575BPD Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7575BPD
Description  2 x 75W multifunction dual-bridge power amplifier with integrated digital diagnostics
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7575BPD Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7575BPD Datasheet HTML 5Page - STMicroelectronics TDA7575BPD Datasheet HTML 6Page - STMicroelectronics TDA7575BPD Datasheet HTML 7Page - STMicroelectronics TDA7575BPD Datasheet HTML 8Page - STMicroelectronics TDA7575BPD Datasheet HTML 9Page - STMicroelectronics TDA7575BPD Datasheet HTML 10Page - STMicroelectronics TDA7575BPD Datasheet HTML 11Page - STMicroelectronics TDA7575BPD Datasheet HTML 12Page - STMicroelectronics TDA7575BPD Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
TDA7575B
Electrical specifications
Doc ID 14103 Rev 3
9/32
Turn-on diagnostics (Power amplifier mode)
Pgnd
Short to GND det. (below this
limit, the output is considered in
short circuit to GND)
Power amplifier in standby
condition
--
1.2
V
Pvs
Short to Vs det. (above this
limit, the output is considered in
short circuit to VS)
-Vs -0.9
-
-
V
Pnop
Normal operation
thresholds.(within these limits,
the output is considered
without faults).
-1.8
-
Vs -1.5
V
Lsc
Shorted load det.
-
-
-
0.5
Lop
Open load det.
-
130
-
-
Lnop
Normal load det.
-
1.5
-
70
Turn-on diagnostics (Line driver mode)
Pgnd
Short to GND det. (below this
limit, the output is considered in
short circuit to GND)
Power amplifier in standby
--
1.2
V
Pvs
Short to Vs det. (above this
limit, the Output is considered
in Short Circuit to VS)
Vs -0.9
-
-
V
Pnop
Normal operation
thresholds.(within these limits,
the output is considered
without faults).
1.8
-
Vs -1.5
V
Lsc
Shorted load det.
-
-
1.5
Lop
Open load det.
400
-
-
Lnop
Normal load det.
4.5
-
200
Permanent diagnostics (Power amplifier mode or line driver mode)
Pgnd
Short to GND det. (below this
limit, the output is considered in
short circuit to GND)
Power amplifier in Mute or Play
condition, one or more short
circuits protection activated
--
1.2
V
Pvs
Short to Vs det. (above this
limit, the Output is considered
in Short Circuit to VS)
-
Vs -
0.9
--
V
Pnop
Normal operation
thresholds.(Within these limits,
the Output is considered
without faults).
-1.8
-
Vs -1.5
V
Lsc
Shorted load det.
Pow. amp. mode
-
-
0.5
Line driver mode
-
-
1.5
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com