Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7569BLVPD Datasheet(PDF) 26 Page - STMicroelectronics

Part # TDA7569BLVPD
Description  4 x 50 W power amplifier with full I2C diagnostics, high efficiency and low voltage operation
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7569BLVPD Datasheet(HTML) 26 Page - STMicroelectronics

Back Button TDA7569BLVPD Datasheet HTML 22Page - STMicroelectronics TDA7569BLVPD Datasheet HTML 23Page - STMicroelectronics TDA7569BLVPD Datasheet HTML 24Page - STMicroelectronics TDA7569BLVPD Datasheet HTML 25Page - STMicroelectronics TDA7569BLVPD Datasheet HTML 26Page - STMicroelectronics TDA7569BLVPD Datasheet HTML 27Page - STMicroelectronics TDA7569BLVPD Datasheet HTML 28Page - STMicroelectronics TDA7569BLVPD Datasheet HTML 29Page - STMicroelectronics TDA7569BLVPD Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
Application suggestion
TDA7569BLV
26/41
DocID023498 Rev 9
8
Application suggestion
8.1
Inputs impedance matching
Figure 37. Inputs impedance matching circuit
The above is a simplified input stage where it is visible that the AC-GND impedance (60 kΩ)
is the same as the input one.
During battery variations the SVR voltage is moved and VIN and VAC-GND tracks it through
the two R-C networks.
Any differences of this two time constants can produce a differential input voltage, which can
produce a noise.
Consequently, any additional passive components at the inputs (other than the input
capacitors) such as series resistance or R dividers must be compensated for at AC-GND
level by connecting the same equivalent resistance in series to CAC-GND.
A good 1:1 matching (ZAC-GND = ZIN) is therefore recommended to minimize pop. This rule
applies to both "4-CH operation" and "2-CH operation", as any unused input has be AC-
grounded (through the same CIN value).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com