Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7569BLVPD Datasheet(PDF) 34 Page - STMicroelectronics

Part # TDA7569BLVPD
Description  4 x 50 W power amplifier with full I2C diagnostics, high efficiency and low voltage operation
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7569BLVPD Datasheet(HTML) 34 Page - STMicroelectronics

Back Button TDA7569BLVPD Datasheet HTML 30Page - STMicroelectronics TDA7569BLVPD Datasheet HTML 31Page - STMicroelectronics TDA7569BLVPD Datasheet HTML 32Page - STMicroelectronics TDA7569BLVPD Datasheet HTML 33Page - STMicroelectronics TDA7569BLVPD Datasheet HTML 34Page - STMicroelectronics TDA7569BLVPD Datasheet HTML 35Page - STMicroelectronics TDA7569BLVPD Datasheet HTML 36Page - STMicroelectronics TDA7569BLVPD Datasheet HTML 37Page - STMicroelectronics TDA7569BLVPD Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 41 page
background image
Software specifications
TDA7569BLV
34/41
DocID023498 Rev 9
Table 11. DB4
Bit
Instruction decoding bit
D7
Thermal warning 2 active (D7 = 1), Tj = 145 °C
-
D6
Thermal warning 3 active (D6 = 1) Tj = 125 °C
-
D5
Channel RR (CH4)
Current detection IB2 (D7) = 0
Output peak current < 250 mA - Open load (D5 = 1)
Output peak current > 500 mA - Normal load (D5 = 0)
Channel RR (CH4)
Current detection IB2 (D7) = 1
Output peak current < 125 mA - Open load (D5 = 1)
Output peak current > 250 mA - Normal load (D5 = 0)
D4
Channel RR (CH4)
Turn-on diagnostic (D4 = 0)
Permanent diagnostic (D4 = 1)
-
D3
Channel R (CH4)
R Normal load (D3 = 0)
Short load (D3 = 1)
-
D2
Channel RR (CH4)
Turn-on diag.: No open load (D2 = 0)
Open load detection (D2 = 1)
Permanent diag.: No output offset (D2 = 0)
Output offset detection (D2 = 1)
-
D1
Channel RR (CH4)
No short to Vcc (D1 = 0)
Short to Vcc (D1 = 1)
-
D0
Channel RR (CH4)
No short to GND (D1 = 0)
Short to GND (D1 = 1)
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com