Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH2SP30-E Datasheet(PDF) 23 Page - STMicroelectronics

Part # VNH2SP30-E
Description  Automotive fully integrated H-bridge motor driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH2SP30-E Datasheet(HTML) 23 Page - STMicroelectronics

Back Button VNH2SP30-E Datasheet HTML 19Page - STMicroelectronics VNH2SP30-E Datasheet HTML 20Page - STMicroelectronics VNH2SP30-E Datasheet HTML 21Page - STMicroelectronics VNH2SP30-E Datasheet HTML 22Page - STMicroelectronics VNH2SP30-E Datasheet HTML 23Page - STMicroelectronics VNH2SP30-E Datasheet HTML 24Page - STMicroelectronics VNH2SP30-E Datasheet HTML 25Page - STMicroelectronics VNH2SP30-E Datasheet HTML 26Page - STMicroelectronics VNH2SP30-E Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
DocID10832 Rev 10
23/35
VNH2SP30-E
Application information
34
The device sustains no more than -30 A in reverse battery conditions because of the two
body diodes of the power MOSFETs. Additionally, in reverse battery condition the I/Os of the
VNH2SP30-E are pulled down to the VCC line (approximately -1.5 V). A series resistor must
be inserted to limit the current sunk from the microcontroller I/Os. If IRmax is the maximum
target reverse current through µC I/Os, the series resistor is:
Figure 34. Half-bridge configuration
Note:
The VNH2SP30-E can be used as a high power half-bridge driver achieving an On
resistance per leg of 9.5 mΩ.
Figure 35. Multi-motor configuration
Note:
The VNH2SP30-E can easily be designed in multi-motor driving applications such as seat
positioning systems where only one motor must be driven at a time. The DIAGX/ENX pins
allow the unused half-bridges to be put into high impedance.
M
OUTA
OUTA
OUTB
OUTB
VCC
PWM
DIAGA/ENA
INA
DIAGB/ENB
INB
GNDB
GNDA
GNDB
GNDA
PWM
DIAGA/ENA
INA
DIAGB/ENB
INB
M2
OUTA
OUTA
OUTB
OUTB
VCC
PWM
DIAGA/ENA
INA
DIAGB/ENB
INB
GNDB
GNDA
GNDB
GNDA
PWM
DIAGA/ENA
INA
DIAGB/ENB
INB
M1
M3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com