Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH2SP30-E Datasheet(PDF) 33 Page - STMicroelectronics

Part # VNH2SP30-E
Description  Automotive fully integrated H-bridge motor driver
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH2SP30-E Datasheet(HTML) 33 Page - STMicroelectronics

Back Button VNH2SP30-E Datasheet HTML 27Page - STMicroelectronics VNH2SP30-E Datasheet HTML 28Page - STMicroelectronics VNH2SP30-E Datasheet HTML 29Page - STMicroelectronics VNH2SP30-E Datasheet HTML 30Page - STMicroelectronics VNH2SP30-E Datasheet HTML 31Page - STMicroelectronics VNH2SP30-E Datasheet HTML 32Page - STMicroelectronics VNH2SP30-E Datasheet HTML 33Page - STMicroelectronics VNH2SP30-E Datasheet HTML 34Page - STMicroelectronics VNH2SP30-E Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
DocID10832 Rev 10
33/35
VNH2SP30-E
Package information
34
5.2
Packing information
Note:
The devices are packed in tape and reel shipments (see Table 1: Device summary on
page 1).
Figure 46. MultiPowerSO-30 tape and reel shipment (suffix “TR”)
Reel dimensions
Dimension
mm
Base Q.ty
1000
Bulk Q.ty
1000
A (max)
330
B (min)
1.5
C (± 0.2)
13
D (min)
20.2
G (+ 2 / -0)
32
N (min)
100
T (max)
38.4
Top
cover
tape
Start
No components
No components
Components
500 mm min
500 mm min
Empty components pockets
User direction of feed
Tape dimensions
According to Electronic Industries Association
(EIA) Standard 481 rev. A, Feb 1986
Description
Dimension
mm
Tape width
W
32
Tape Hole Spacing
P0 (± 0.1)
4
Component Spacing
P
24
Hole Diameter
D (± 0.1/-0)
1.5
Hole Diameter
D1 (min)
2
Hole Position
F (± 0.1)
14.2
Compartment Depth
K (max)
2.2
Hole Spacing
P1 (± 0.1)
2
End



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com