Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH5019ATR-E Datasheet(PDF) 13 Page - STMicroelectronics

Part # VNH5019ATR-E
Description  Automotive fully integrated H-bridge motor driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5019ATR-E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VNH5019ATR-E Datasheet HTML 9Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 10Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 11Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 12Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 13Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 14Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 15Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 16Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
DocID15701 Rev 11
13/38
VNH5019A-E
Electrical specifications
38
TTSD_LS
Low-side thermal
shutdown temperature
VIN = 0 V
150
175
200
°C
TTR(3)
Thermal reset temperature
135
°C
THYST(3)
Thermal hysteresis
7
15
°C
1. The device is able to pass the ESD and ISO pulse requirements as specified in the Table 15.
2. TTSD is the minimum threshold temperature between HS and LS
3. Valid for both HSD and LSD
Table 9. Protection and diagnostic (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Table 10. Current sense (8 V < VCC < 21 V)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
K0
IOUT/ISENSE
IOUT = 3 A, VSENSE = 0.5 V,
Tj = - 40 °C to 150°C
4670
7110
10110
dK0/K0
Analog current sense ratio
drift
IOUT = 3 A; VSENSE = 0.5 V,
Tj = -40 °C to 150 °C
-19
19
%
K1
IOUT/ISENSE
IOUT = 8 A,VSENSE = 1.3V,
Tj = - 40 °C to 150°C
6060
7030
8330
dK1/K1
Analog current sense ratio
drift
IOUT = 8 A; VSENSE = 1.3V,
Tj = -40 °C to 150 °C
-14
14
%
K2
IOUT/ISENSE
IOUT = 15 AVSENSE = 2.4 V,
Tj = - 40 °C to 150°C
6070
6990
7810
dK2/K2
Analog current sense ratio
drift
IOUT = 15 A; VSENSE = 2.4 V,
Tj = -40 °C to 150 °C
-12
12
%
K3
IOUT/ISENSE
IOUT = 25 AVSENSE = 4 V,
Tj = - 40 °C to 150°C
6000
6940
7650
dK3/K3
Analog current sense ratio
drift
IOUT =25 A; VSENSE = 4 V,
Tj = -40 °C to 150 °C
-12
12
%
VSENSE
Max analog sense output
voltage
IOUT = 15 A, RSENSE = 1.1 k
5V
ISENSEO Analog sense leakage current
IOUT = 0 A, VSENSE = 0 V, VCSD = 5 V,
VIN = 0 V,
Tj = - 40 to 150°C
05
μA
IOUT = 0 A, VSENSE = 0 V, VCSD = 0 V,
VIN = 5 V,
Tj = - 40 to 150°C
0
100
tDSENSEH
Delay response time from
falling edge of CS_DIS pin
VIN = 5 V, VSENSE < 4 V, IOUT = 8 A,
ISENSE = 90% of ISENSEmax
(see fig Figure 13)
50
μs
tDSENSEL
Delay response time from
rising edge of CS_DIS pin
VIN = 5 V, VSENSE < 4 V, IOUT = 8 A,
ISENSE = 10% of ISENSEmax
(see fig Figure 13)
20
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com