Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH5019ATR-E Datasheet(PDF) 32 Page - STMicroelectronics

Part # VNH5019ATR-E
Description  Automotive fully integrated H-bridge motor driver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5019ATR-E Datasheet(HTML) 32 Page - STMicroelectronics

Back Button VNH5019ATR-E Datasheet HTML 28Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 29Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 30Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 31Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 32Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 33Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 34Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 35Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
Package information
VNH5019A-E
32/38
DocID15701 Rev 11
Table 19. MultiPowerSO-30 mechanical data
Symbol
Data book mm
Min.
Typ.
Max.
A
2.35
A2
1.85
2.25
A3
0
0.1
B
0.42
0.58
C
0.23
0.32
D
17.1
17.2
17.3
E
18.85
19.15
E1
15.9
16
16.1
e1
F1
5.55
6.05
F2
4.6
5.1
F3
9.6
10.1
L
0.8
1.15
N
10°
S0°
7°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com