Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB3 Datasheet(PDF) 3 Page - STMicroelectronics

Part # DB3
Description  TRIGGER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DB3 Datasheet(HTML) 3 Page - STMicroelectronics

  DB3 Datasheet HTML 1Page - STMicroelectronics DB3 Datasheet HTML 2Page - STMicroelectronics DB3 Datasheet HTML 3Page - STMicroelectronics DB3 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
20
40
60
80
100
120
140
160
0
10 2030 4050 6070 8090 100 110 120 130
Tamb ( C)
o
o
P (mW)
Fig.1 : Power dissipation versus ambient tempera-
ture (maximum values)
25
50
75
100
125
Tj( C)
o
1.08
1.06
1.04
1.02
1.00
VBO[Tj]
VBO[Tj=25 C]
o
Fig.2 : Relative variation of VBO versus junction
temperature (typical values)
0.01
0.1
1
10
100
1000
10000
tp ( s)
2
F = 100 Hz
Tj initial = 25 C
o
I
(A)
TRM
Fig.3 : Peak pulse current versus pulse duration
(maximum values)
®
DB3 / DB4 / DC34
3/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com