Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DB3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # DB3
Description  TRIGGER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DB3 Datasheet(HTML) 1 Page - STMicroelectronics

  DB3 Datasheet HTML 1Page - STMicroelectronics DB3 Datasheet HTML 2Page - STMicroelectronics DB3 Datasheet HTML 3Page - STMicroelectronics DB3 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DB3 /DB4 / DC34
®
April 1995
TRIGGER DIODES
DO 35
(Glass)
VBO : 32V / 34V / 40V VERSIONS
LOW BREAKOVER CURRENT
FEATURES
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction to ambient
400
°C/W
Rth (j-l)
Junction-leads
150
°C/W
High reliability glass passivation insuring
parameter stability and protection against
junction contamination.
DESCRIPTION
Symbol
Parameter
Value
Unit
P
Power dissipation on printed circuit
(L = 10 mm)
Ta = 65
°C
150
mW
ITRM
Repetitive peak on-state curren t
tp = 20
µs
F= 100 Hz
2A
Tstg
Tj
Storage and operating junction temperature range
-40 to + 125
-40 to + 125
°C
°C
ABSOLUTE RATINGS (limiting values)
THERMAL RESISTANCES
1/4


Similar Part No. - DB3

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
DB3 SSE-DB3 Datasheet
15Kb / 1P
BIDIRECTIONAL TRIGGER DIODE
logo
Shanghai Lunsure Electr...
DB3 CHENYI-DB3 Datasheet
108Kb / 2P
SILICON BIDIRECTIONAL DIAC
logo
Dc Components
DB3 DCCOM-DB3 Datasheet
167Kb / 2P
TECHNICAL SPECIFICATIONS OF BIDIRECTIONAL DIODE THYRISTORS (DIACS)
logo
Hi-Sincerity Mocroelect...
DB3 HSMC-DB3 Datasheet
18Kb / 2P
TRIGGER DIODES
logo
Diotec Semiconductor
DB3 DIOTEC-DB3 Datasheet
251Kb / 2P
Bidirectional Si-Trigger-Diodes (DIAC)
More results

Similar Description - DB3

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
LLDB-3 GOOD-ARK-LLDB-3 Datasheet
68Kb / 1P
Trigger Diodes
logo
Rectron Semiconductor
DB3S RECTRON-DB3S Datasheet
173Kb / 4P
TRIGGER DIODES
DB3 RECTRON-DB3 Datasheet
488Kb / 4P
TRIGGER DIODES
DB3W RECTRON-DB3W Datasheet
199Kb / 5P
TRIGGER DIODES
LLDB3 RECTRON-LLDB3 Datasheet
179Kb / 4P
TRIGGER DIODES
DB3SEL RECTRON-DB3SEL Datasheet
453Kb / 5P
TRIGGER DIODES
logo
GOOD-ARK Electronics
DB3 GOOD-ARK-DB3 Datasheet
185Kb / 3P
Trigger Diodes
DB3 GOOD-ARK-DB3_15 Datasheet
185Kb / 3P
Trigger Diodes
logo
Diotec Semiconductor
DB3 DIOTEC-DB3_17 Datasheet
132Kb / 2P
Trigger-Diodes
logo
First Silicon Co., Ltd
DB3 FS-DB3 Datasheet
244Kb / 3P
Trigger Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com