Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT00 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 74ACT00
Description  Advanced CMOS TTL Input
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

74ACT00 Datasheet(HTML) 1 Page - Silicon Supplies

  74ACT00 Datasheet HTML 1Page - Silicon Supplies 74ACT00 Datasheet HTML 2Page - Silicon Supplies 74ACT00 Datasheet HTML 3Page - Silicon Supplies 74ACT00 Datasheet HTML 4Page - Silicon Supplies 74ACT00 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev 2.0
23/09/25
Quad 2-Input NAND Gate in bare die form
Advanced CMOS TTL Input – 74ACT00
Description
Features:
The 74ACT00 quad 2-input NAND gate is fabricated
using an advanced 5V CMOS process combining high
speed LSTTL performance with CMOS low power. The
device consists of x4 independent 2-input NAND gates
performing the Boolean function Y = A • B or Y = A + B.
Internal circuitry comprises of three stages and includes
buffered output for high noise immunity and stability.
Inputs are directly compatible with LSTTL outputs. All
inputs are protected against ESD and excess voltage
transients.
Inputs directly accept TTL
Outputs directly interface CMOS, NMOS and TTL
Outputs Source/Sink 24 mA
Low Input Current: 1µA
Lower power alternative to bipolar logic
Functionally compatible with bipolar 74LS00
Upgrade for 74HCT00.
Ordering Information
Die Dimensions in µm (mils)
The following part suffixes apply:
530 (21)
No suffix - MIL-STD-883 /2010B Visual Inspection
For High Reliability versions of this product please see
54ACT00 REV 2
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
Die Size (Unsawn)
530 x 660
21 x 26
µm
mils
Minimum Bond Pad Size
76 x 76
3 x 3
µm
mils
Die Thickness
280 (±20)
11.02 (±0.79)
µm
mils
Top Metal Composition
Al-Si-Cu
Back Metal Composition
N/A – Bare Si
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
Die Thickness <> 280µm(11 Mils) – On request
Assembled into Ceramic Package – On request
Page 1 of 5
www.siliconsupplies.com


Similar Part No. - 74ACT00

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
QUAD 2-INPUT NAND GATE
Apr-1997
logo
Fairchild Semiconductor
74ACT00 FAIRCHILD-74ACT00 Datasheet
104Kb / 7P
Quad 2-Input NAND Gate
logo
STMicroelectronics
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
185Kb / 8P
QUAD 2-INPUT NAND GATE
Apr-2001
logo
Fairchild Semiconductor
74ACT00 FAIRCHILD-74ACT00 Datasheet
307Kb / 10P
Quad 2-Input NAND Gate
74ACT00 FAIRCHILD-74ACT00 Datasheet
307Kb / 10P
Quad 2-Input NAND Gate
More results

Similar Description - 74ACT00

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54ACT14 SS-54ACT14 Datasheet
371Kb / 5P
Advanced CMOS TTL Input
54ACT32 SS-54ACT32 Datasheet
733Kb / 5P
Advanced CMOS TTL Input
74ACT05 SS-74ACT05 Datasheet
571Kb / 5P
Advanced CMOS TTL Input
54ACT05 SS-54ACT05 Datasheet
575Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240 Datasheet
735Kb / 6P
Advanced CMOS TTL Input
54ACT11 SS-54ACT11 Datasheet
511Kb / 5P
Advanced CMOS TTL Input
54ACT86 SS-54ACT86 Datasheet
541Kb / 5P
Advanced CMOS TTL Input
54ACT240 SS-54ACT240_V01 Datasheet
394Kb / 6P
Advanced CMOS TTL Input
Rev 1.1 30/11/21
54ACT32 SS-54ACT32_V01 Datasheet
578Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
74ACT32 SS-74ACT32_V01 Datasheet
579Kb / 5P
Advanced CMOS TTL Input
Rev 1.1 08/11/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com