Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESDXV4UG Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PESDXV4UG
Description  Very low capacitance unidirectional quadruple ESD protection diode arrays
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESDXV4UG Datasheet(HTML) 3 Page - NXP Semiconductors

  PESDXV4UG Datasheet HTML 1Page - NXP Semiconductors PESDXV4UG Datasheet HTML 2Page - NXP Semiconductors PESDXV4UG Datasheet HTML 3Page - NXP Semiconductors PESDXV4UG Datasheet HTML 4Page - NXP Semiconductors PESDXV4UG Datasheet HTML 5Page - NXP Semiconductors PESDXV4UG Datasheet HTML 6Page - NXP Semiconductors PESDXV4UG Datasheet HTML 7Page - NXP Semiconductors PESDXV4UG Datasheet HTML 8Page - NXP Semiconductors PESDXV4UG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
PESDXV4UF_G_W_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 28 January 2008
3 of 16
NXP Semiconductors
PESDxV4UF/G/W
Very low capacitance quadruple ESD protection diode arrays
3.
Ordering information
4.
Marking
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
5.
Limiting values
[1]
Non-repetitive current pulse 8/20
µs exponential decay waveform according to IEC 61000-4-5.
[2]
For PESDxV4UF measured from pin 1, 3, 4 or 6 to pin 2 or 5.
[3]
For PESDxV4UG and PESDxV4UW measured from pin 1, 3, 4 or 5 to pin 2.
Table 4.
Ordering information
Type number
Package
Name
Description
Version
PESD3V3V4UF
XSON6
plastic extremely thin small outline package;
no leads; 6 terminals; body 1
× 1.45 × 0.5 mm
SOT886
PESD5V0V4UF
PESD3V3V4UG
SC-88A
plastic surface-mounted package; 5 leads
SOT353
PESD5V0V4UG
PESD3V3V4UW
-
plastic surface-mounted package; 5 leads
SOT665
PESD5V0V4UW
Table 5.
Marking codes
Type number
Marking code[1]
PESD3V3V4UF
A7
PESD5V0V4UF
A8
PESD3V3V4UG
V1*
PESD5V0V4UG
V2*
PESD3V3V4UW
W1
PESD5V0V4UW
W2
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
PPP
peak pulse power
tp = 8/20 µs
[1][2][3] -16
W
IPP
peak pulse current
tp = 8/20 µs
[1][2][3] -
1.5
A
Per device
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com