Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESDXV4UG Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PESDXV4UG
Description  Very low capacitance unidirectional quadruple ESD protection diode arrays
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PESDXV4UG Datasheet(HTML) 5 Page - NXP Semiconductors

  PESDXV4UG Datasheet HTML 1Page - NXP Semiconductors PESDXV4UG Datasheet HTML 2Page - NXP Semiconductors PESDXV4UG Datasheet HTML 3Page - NXP Semiconductors PESDXV4UG Datasheet HTML 4Page - NXP Semiconductors PESDXV4UG Datasheet HTML 5Page - NXP Semiconductors PESDXV4UG Datasheet HTML 6Page - NXP Semiconductors PESDXV4UG Datasheet HTML 7Page - NXP Semiconductors PESDXV4UG Datasheet HTML 8Page - NXP Semiconductors PESDXV4UG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
PESDXV4UF_G_W_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 28 January 2008
5 of 16
NXP Semiconductors
PESDxV4UF/G/W
Very low capacitance quadruple ESD protection diode arrays
6.
Characteristics
Table 9.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VRWM
reverse standoff voltage
PESD3V3V4UF
PESD3V3V4UG
PESD3V3V4UW
-
-
3.3
V
PESD5V0V4UF
PESD5V0V4UG
PESD5V0V4UW
-
-
5.0
V
IRM
reverse leakage current
PESD3V3V4UF
PESD3V3V4UG
PESD3V3V4UW
VRWM = 3.3 V
-
40
300
nA
PESD5V0V4UF
PESD5V0V4UG
PESD5V0V4UW
VRWM = 5.0 V
-
3
25
nA
VBR
breakdown voltage
IR =1mA
PESD3V3V4UF
PESD3V3V4UG
PESD3V3V4UW
5.3
5.6
5.9
V
PESD5V0V4UF
PESD5V0V4UG
PESD5V0V4UW
6.4
6.8
7.2
V
Cd
diode capacitance
f=1MHz
PESD3V3V4UF
PESD3V3V4UG
PESD3V3V4UW
VR = 0 V
-
15
18
pF
PESD3V3V4UF
PESD3V3V4UG
PESD3V3V4UW
VR = 3.3 V
-
9
12
pF
PESD5V0V4UF
PESD5V0V4UG
PESD5V0V4UW
VR = 0 V
-
12
15
pF
PESD5V0V4UF
PESD5V0V4UG
PESD5V0V4UW
VR = 5 V
-
69pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com