Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV591VFPR Datasheet(PDF) 4 Page - Texas Instruments

Part # DRV591VFPR
Description  3-A HIGH-EFFICIENCY PWM POWER DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRV591VFPR Datasheet(HTML) 4 Page - Texas Instruments

  DRV591VFPR Datasheet HTML 1Page - Texas Instruments DRV591VFPR Datasheet HTML 2Page - Texas Instruments DRV591VFPR Datasheet HTML 3Page - Texas Instruments DRV591VFPR Datasheet HTML 4Page - Texas Instruments DRV591VFPR Datasheet HTML 5Page - Texas Instruments DRV591VFPR Datasheet HTML 6Page - Texas Instruments DRV591VFPR Datasheet HTML 7Page - Texas Instruments DRV591VFPR Datasheet HTML 8Page - Texas Instruments DRV591VFPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
DRV591
SLOS389A – NOVEMBER 2001– REVISED MAY 2002
www.ti.com
4
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AGND
2
Analog ground
AREF
5
O
Connect 1
µF capacitor to ground for AREF voltage filtering
AVDD
1
I
Analog power supply
COSC
4
I
Connect capacitor to ground to set oscillation frequency (220 pF for 500 kHz, 1 nF for 100 kHz) when the internal
oscillator is selected; connect clock signal when an external oscillator is used
FAULT0
10
O
Fault flag 0, low when active open drain output (see application information)
FAULT1
9
O
Fault flag 1, high when active open drain output (see application information)
FREQ
32
I
Selects 500 kHz switching frequency when a TTL logic low is applied to this terminal; selects 100 kHz switching
frequency when a TTL logic high is applied
IN–
7
I
Negative differential input
IN+
6
I
Positive differential input
INT/EXT
31
I
Selects the internal oscillator when a TTL logic high is applied to this terminal; selects the use of an external oscil-
lator when a TTL logic low is applied to this terminal
OUT–
14, 15,
16, 17
O
Negative bridge-tied load (BTL) output (4 pins)
OUT+
24, 25,
26, 27
O
Positive bridge-tied load (BTL) output (4 pins)
PGND
18, 19,
20, 21,
22, 23
High-current ground (6 pins)
PVDD
11, 12,
13, 28,
29, 30
I
High-current power supply (6 pins)
ROSC
3
I
Connect 120-k
Ω resistor to AGND to set oscillation frequency (either 500 kHz or 100 kHz). Not needed if an
external clock is used.
SHUTDOWN
8
I
Places the amplifier in shutdown mode when a TTL logic low is applied to this terminal; places the amplifier
in normal operation when a TTL logic high is applied



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com