Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV591VFPR Datasheet (PDF) - Texas Instruments

DRV591VFPR Datasheet PDF - Texas Instruments
Part # DRV591VFPR
Download  DRV591VFPR Download
File Size   1358.06 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-A HIGH-EFFICIENCY PWM POWER DRIVER

DRV591VFPR Datasheet (PDF)

Go To PDF Page Download Datasheet
DRV591VFPR Datasheet PDF - Texas Instruments

Part # DRV591VFPR
Download  DRV591VFPR Click to download

File Size   1358.06 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 3-A HIGH-EFFICIENCY PWM POWER DRIVER

DRV591VFPR Datasheet (HTML) - Texas Instruments


DRV591VFPR Product details

FEATURES
±3-A Maximum Output Current
Low Supply Voltage Operation: 2.8 V to 5.5 V
High Efficiency Generates Less Heat
Over-Current and Thermal Protection
Fault Indicators for Over-Current, Thermal
and Under-Voltage Conditions
Two Selectable Switching Frequencies
Internal or External Clock Sync
PWM Scheme Optimized for EMI
9×9 mm PowerPAD Quad Flatpack

APPLICATIONS
Thermoelectric Cooler (TEC) Driver
Laser Diode Biasing

DESCRIPTION
The DRV591 is a high-efficiency, high-current power
amplifier ideal for driving a wide variety of
thermoelectric cooler elements in systems powered
from 2.8 V to 5.5 V. PWM operation and low output
stage on-resistance significantly decrease power
dissipation in the amplifier.
The DRV591 is internally protected against thermal and
current overloads. Logic-level fault indicators signal
when the junction temperature has reached
approximately 130°C to allow for system-level
shutdown before the amplifier’s internal thermal
shutdown circuitry activates. The fault indicators also
signal when an over-current event has occurred. If the
over-current circuitry is tripped, the DRV591
automatically resets (see application information
section for more details).
The PWM switching frequency may be set to 500 kHz
or 100 kHz depending on system requirements. To
eliminate external components, the gain is fixed at
approximately 2.3 V/V.




Similar Part No. - DRV591VFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV591VFPR TI1-DRV591VFPR Datasheet
955Kb / 22P
3-A HIGH-EFFICIENCY PWM POWER DRIVER
DRV591VFPRG4 TI1-DRV591VFPRG4 Datasheet
955Kb / 22P
3-A HIGH-EFFICIENCY PWM POWER DRIVER
More results


Similar Description - DRV591VFPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV590 TI-DRV590 Datasheet
237Kb / 16P
1.2-A HIGH-EFFICIENCY PWM POWER DRIVER
DRV591 TI-DRV591 Datasheet
141Kb / 16P
3-A HIGH-EFFICIENCY PWM POWER DRIVER
DRV593 TI-DRV593 Datasheet
185Kb / 22P
3−A HIGH−EFFICIENCY PWM POWER DRIVER
DRV595 TI-DRV595 Datasheet
995Kb / 24P
15V/짹3A High-Efficiency PWM Power Driver
logo
ADTech
ADT6750 ADTECH-ADT6750 Datasheet
77Kb / 1P
PWM High-Efficiency LED driver with a built in internal power MOSFET capable
logo
Unisonic Technologies
USL1650 UTC-USL1650 Datasheet
174Kb / 4P
HIGH EFFICIENCY PWM BUCK LED DRIVER CONTROLLER
logo
Texas Instruments
DRV591 TI1-DRV591_14 Datasheet
955Kb / 22P
3-A HIGH-EFFICIENCY PWM POWER DRIVER
DRV593 TI1-DRV593_15 Datasheet
798Kb / 27P
3?묨 HIGH?묮FFICIENCY PWM POWER DRIVER
DRV590 TI1-DRV590_16 Datasheet
318Kb / 18P
1.2-A HIGH-EFFICIENCY PWM POWER DRIVER
logo
STMicroelectronics
TDA7260 STMICROELECTRONICS-TDA7260 Datasheet
658Kb / 14P
HIGH EFFICIENCY AUDIO PWM DRIVER
Sep-1988
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com