Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA146 Datasheet(PDF) 2 Page - Texas Instruments

Part # INA146
Description  INA146 High-voltage, Programmable Gain Difference Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA146 Datasheet(HTML) 2 Page - Texas Instruments

  INA146 Datasheet HTML 1Page - Texas Instruments INA146 Datasheet HTML 2Page - Texas Instruments INA146 Datasheet HTML 3Page - Texas Instruments INA146 Datasheet HTML 4Page - Texas Instruments INA146 Datasheet HTML 5Page - Texas Instruments INA146 Datasheet HTML 6Page - Texas Instruments INA146 Datasheet HTML 7Page - Texas Instruments INA146 Datasheet HTML 8Page - Texas Instruments INA146 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 ESD Ratings .............................................................. 4
5.3 Recommended Operating Conditions.........................4
5.4 Thermal Information....................................................4
5.5 Electrical Characteristics VS = ±2.25 V to ±18 V.........5
5.6 Electrical Characteristics VS = 5 V Single Supply.......6
5.7 Amplifier A1, A2 Performance.....................................7
5.8 Typical Performance Curves.......................................8
6 Application and Implementation.................................. 11
6.1 Application Information..............................................11
7 Device and Documentation Support............................17
7.1 Third-Party Products Disclaimer............................... 17
7.2 Documentation Support............................................ 17
7.3 Receiving Notification of Documentation Updates....17
7.4 Support Resources................................................... 17
7.5 Trademarks...............................................................17
7.6 Electrostatic Discharge Caution................................17
7.7 Glossary....................................................................17
8 Revision History............................................................ 18
9 Mechanical, Packaging, and Orderable Information.. 19
INA146
SBOS109A – SEPTEMBER 1999 – REVISED NOVEMBER 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com