Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA146 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA146
Description  INA146 High-voltage, Programmable Gain Difference Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA146 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA146 Datasheet HTML 8Page - Texas Instruments INA146 Datasheet HTML 9Page - Texas Instruments INA146 Datasheet HTML 10Page - Texas Instruments INA146 Datasheet HTML 11Page - Texas Instruments INA146 Datasheet HTML 12Page - Texas Instruments INA146 Datasheet HTML 13Page - Texas Instruments INA146 Datasheet HTML 14Page - Texas Instruments INA146 Datasheet HTML 15Page - Texas Instruments INA146 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Figure 6-1. Basic Circuit Connections
6.1.4 Offset Trim
The INA146 is laser-trimmed for low offset voltage and drift. Most applications require no external offset
adjustment. Figure 6-2 shows an optional circuit for trimming the offset voltage. A voltage applied to the Ref
terminal is summed with the output signal. This feature can be used to null offset voltage. To maintain good
common-mode rejection, the source impedance of a signal applied to the Ref terminal must be less than 10 Ω
and a resistor added to the positive input terminal must be 10 times that, or 100 Ω. Alternatively, the trim voltage
can be buffered with an operational amplifier such as the OPA277.
6.1.5 Input Impedance
The input impedance of the INA146 is determined by the input resistor network and is approximately 100
kΩ. The source impedance at the two input terminals must be nearly equal to maintain good common-mode
rejection. A 12-Ω mismatch in impedance between the two inputs causes the typical common-mode rejection to
be degraded to approximately 72 dB. Figure 6-7 shows a common application measuring power supply current
through a shunt resistor. The source impedance of the shunt resistor, RS, is balanced by an equal compensation
resistor, RC.
Source impedances greater than 800 Ω are not recommended, even if the source impedances are perfectly
matched. Internal resistors are laser trimmed for accurate ratios, not to absolute values. Adding equal resistors
greater than 800 Ω can cause a mismatch in the total resistor ratios, degrading CMR.
INA146
SBOS109A – SEPTEMBER 1999 – REVISED NOVEMBER 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com