Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA149 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA149
Description  High Common-Mode Voltage Difference Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA149 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA149 Datasheet HTML 8Page - Texas Instruments INA149 Datasheet HTML 9Page - Texas Instruments INA149 Datasheet HTML 10Page - Texas Instruments INA149 Datasheet HTML 11Page - Texas Instruments INA149 Datasheet HTML 12Page - Texas Instruments INA149 Datasheet HTML 13Page - Texas Instruments INA149 Datasheet HTML 14Page - Texas Instruments INA149 Datasheet HTML 15Page - Texas Instruments INA149 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
0
5
10
15
20
25
30
35
40
45
50
Quiescent Current (mA)
G059
−16
−12
−8
−4
0
4
Time (1
µs/div)
Input
Output
G067
0
5
10
15
20
25
30
1k
10k
100k
1M
Frequency (Hz)
G057
−4
0
4
8
12
16
Time (1
µs/div)
Input
Output
G058
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
0 nF
1 nF
3 nF
5 nF
10 nF
G044
0
200
400
600
800
1000
1200
0
2
4
6
8
10
12
14
16
18
20
Supply Voltage (±V)
−45°C
+25°C
+85°C
+130°C
G056
INA149
SBOS579B – SEPTEMBER 2011 – REVISED JULY 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, RL = 2 kΩ connected to ground, and VS = ±15 V, unless otherwise noted.
FREQUENCY RESPONSE vs CAPACITIVE LOAD
QUIESCENT CURRENT vs SUPPLY VOLTAGE
Figure 37.
Figure 38.
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
OVERLOAD RECOVERY
Figure 39.
Figure 40.
OVERLOAD RECOVERY
QUIESCENT CURRENT HISTOGRAM
Figure 41.
Figure 42.
12
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): INA149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com