Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA149 Datasheet(PDF) 13 Page - Texas Instruments

Part # INA149
Description  High Common-Mode Voltage Difference Amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA149 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA149 Datasheet HTML 9Page - Texas Instruments INA149 Datasheet HTML 10Page - Texas Instruments INA149 Datasheet HTML 11Page - Texas Instruments INA149 Datasheet HTML 12Page - Texas Instruments INA149 Datasheet HTML 13Page - Texas Instruments INA149 Datasheet HTML 14Page - Texas Instruments INA149 Datasheet HTML 15Page - Texas Instruments INA149 Datasheet HTML 16Page - Texas Instruments INA149 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
+
20 kΩ
380 kΩ
380 kΩ
380 kΩ
19 kΩ
30 V
1 F
GND
4
7
2
3
1
6
5
−IN
+IN
VOUT = (+IN) – (–IN) + VREF
VREF
100 nF
+
20 kΩ
380 kΩ
380 kΩ
380 kΩ
19 kΩ
−15 V
1 F
15 V
1 F
GND
4
7
2
3
1
6
5
−IN
+IN
VOUT = (+IN) − (−IN)
100 nF
100 nF
INA149
www.ti.com
SBOS579B – SEPTEMBER 2011 – REVISED JULY 2012
APPLICATION INFORMATION
BASIC INFORMATION
Figure 43 shows the basic connections required for dual-supply operation. Applications with noisy or high-
impedance power-supply lines may require decoupling capacitors placed close to the device pins. The output
voltage is equal to the differential input voltage between pins 2 and 3. The common-mode input voltage is
rejected. Figure 44 shows the basic connections required for single-supply operation.
Figure 43. Basic Power and Signal Connections for Figure 44. Basic Power and Signal Connections for
Dual-Supply Operation
Single-Supply Operation
TRANSFER FUNCTION
Most applications use the INA149 as a simple unity-gain difference amplifier. The transfer function is given in
Equation 1:
VOUT = (+IN) – (–IN)
(1)
Some applications, however, apply voltages to the reference terminals (REFA and REFB). The complete transfer
function is given in Equation 2:
VOUT = (+IN) – (–IN) + 20 × REFA – 19 × REFB
(2)
COMMON-MODE RANGE
The high common-mode range of the INA149 is achieved by dividing down the input signal with a high precision
resistor divider. This resistor divider brings both the positive input and the negative input within the input range of
the internal operational amplifier. This input range depends on the supply voltage of the INA149.
Both Figure 2 and Figure 3 can be used to determine the maximum common-mode range for a specific supply
voltage. The maximum common-mode range can also be calculated by ensuring that both the positive and the
negative input of the internal amplifier are within 1.5 V of the supply voltage.
In case the voltage at the inputs of the internal amplifier exceeds the supply voltage, the internal ESD diodes
start conducting current. This current must be limited to 10 mA to make sure not to exceed the absolute
maximum ratings for the device.
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): INA149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com