Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA180 Datasheet(PDF) 21 Page - Texas Instruments

Part # INA180
Description  INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA180 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA180 Datasheet HTML 17Page - Texas Instruments INA180 Datasheet HTML 18Page - Texas Instruments INA180 Datasheet HTML 19Page - Texas Instruments INA180 Datasheet HTML 20Page - Texas Instruments INA180 Datasheet HTML 21Page - Texas Instruments INA180 Datasheet HTML 22Page - Texas Instruments INA180 Datasheet HTML 23Page - Texas Instruments INA180 Datasheet HTML 24Page - Texas Instruments INA180 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
The INAx180 amplify the voltage developed across a current-sensing resistor as current flows through the
resistor to the load or ground.
9.1.1 Basic Connections
Figure 9-1 shows the basic connections of the INA180. Connect the input pins (IN+ and IN–) as closely as
possible to the shunt resistor to minimize any resistance in series with the shunt resistor.
Power Supply, VS
2.7 V to 5.5 V
ADC
Microcontroller
Bus Voltage
±0.2 V to +26 V
RSENSE
GND
VS
Load
IN±
IN+
OUT
+
±
CBYPASS
0.1 µF
Single-Channel
TI Device
NOTE: For best measurement accuracy, connect analog-to-digital converter (ADC) reference or microcontroller ground as closely as
possible to the INAx180 GND pin, and add an RC filter between the output of the INAx180 and the ADC. See Closed-Loop Analysis of
Load-Induced Amplifier Stability Issues Using ZOUT for more details.
Figure 9-1. Basic Connections for the INA180
A power-supply bypass capacitor of at least 0.1 µF is required for proper operation. Applications with noisy
or high-impedance power supplies may require additional decoupling capacitors to reject power-supply noise.
Connect bypass capacitors close to the device pins.
www.ti.com
INA180, INA2180, INA4180
SBOS741H – APRIL 2017 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA180 INA2180 INA4180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com