Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA180 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA180
Description  INAx180 Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA180 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA180 Datasheet HTML 8Page - Texas Instruments INA180 Datasheet HTML 9Page - Texas Instruments INA180 Datasheet HTML 10Page - Texas Instruments INA180 Datasheet HTML 11Page - Texas Instruments INA180 Datasheet HTML 12Page - Texas Instruments INA180 Datasheet HTML 13Page - Texas Instruments INA180 Datasheet HTML 14Page - Texas Instruments INA180 Datasheet HTML 15Page - Texas Instruments INA180 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 53 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VS = 5 V, and VIN+ = 12 V (unless otherwise noted)
Output Current (mA)
0
5
10
15
20
25
30
35
40
45
50
55
60
V
S
V – 1
S
GND
GND + 1
GND + 2
D019
125°C
25 C
°
–40°C
V – 2
S
.
Figure 7-19. Output Voltage Swing vs. Output Current
Common-Mode Voltage (V)
-5
0
5
10
15
20
25
30
-20
0
20
40
60
80
100
120
D020
Supply voltage = 5 V
Figure 7-20. Input Bias Current vs. Common-Mode Voltage
Common-Mode Voltage (V)
-5
0
5
10
15
20
25
30
-20
0
20
40
60
80
100
120
D021
Supply voltage = 0 V
Figure 7-21. Input Bias Current vs. Common-Mode Voltage
(Both Inputs, Shutdown)
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
75
76
77
78
79
80
81
82
83
84
85
D022
.
Figure 7-22. Input Bias Current vs. Temperature
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
190
195
200
205
210
D023
Figure 7-23. Quiescent Current vs. Temperature (INA180)
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
340
345
350
355
360
365
370
375
380
D023
Figure 7-24. Quiescent Current vs. Temperature (INA2180)
INA180, INA2180, INA4180
SBOS741H – APRIL 2017 – REVISED JULY 2022
www.ti.com
12
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: INA180 INA2180 INA4180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com