Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA188 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA188
Description  INA188 Precision, Zero-Drift, Rail-to-Rail Out, High-Voltage Instrumentation Amplifier
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA188 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA188 Datasheet HTML 8Page - Texas Instruments INA188 Datasheet HTML 9Page - Texas Instruments INA188 Datasheet HTML 10Page - Texas Instruments INA188 Datasheet HTML 11Page - Texas Instruments INA188 Datasheet HTML 12Page - Texas Instruments INA188 Datasheet HTML 13Page - Texas Instruments INA188 Datasheet HTML 14Page - Texas Instruments INA188 Datasheet HTML 15Page - Texas Instruments INA188 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
Frequency (Hz)
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
1
10
100
1k
10k
100k
G = 1
G = 10
G = 100
G = 1000
Time (s/div)
0
1
2
3
4
5
6
7
8
9
10
-2
-1.6
-1.2
-0.8
-0.4
0
0.4
0.8
1.2
1.6
2
Output Current (mA)
0
2
4
6
8
10
12
14
16
18
20
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
D001
-40°C
125°C
25°C
Output Current (mA)
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
-2
-1.8
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
D001
-40°C
125°C
25°C
Output Current (mA)
0
2.5
5
7.5
10
12.5
15
17.5
20
22.5
25
-2
0
2
4
6
8
10
12
14
16
18
D001
-40°C
125°C
25°C
Output Current (mA)
0
3
6
9
12
15
18
21
24
27
30
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
D001
-40°C
125°C
25°C
12
INA188
SBOS632 – SEPTEMBER 2015
www.ti.com
Product Folder Links: INA188
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Typical Characteristics (continued)
At TA = 25°C, VS = ±15 V, RL = 10 kΩ, VREF = midsupply, and G = 1, unless otherwise noted.
VS = ±18 V
Figure 19. Positive Output Voltage Swing vs
Output Current
VS = ±18 V
Figure 20. Negative Output Voltage Swing vs
Output Current
VS = ±2 V
Figure 21. Positive Output Voltage Swing vs
Output Current
VS = ±2 V
Figure 22. Negative Output Voltage Swing vs
Output Current
Figure 23. Voltage Noise Spectral Density vs Frequency
G = 1
Figure 24. 0.1-Hz to 10-Hz RTI Voltage Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com