Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA128PA Datasheet(PDF) 21 Page - Texas Instruments

Part # INA128PA
Description  INA12x Precision, Low-Power Instrumentation Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA128PA Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA128PA Datasheet HTML 17Page - Texas Instruments INA128PA Datasheet HTML 18Page - Texas Instruments INA128PA Datasheet HTML 19Page - Texas Instruments INA128PA Datasheet HTML 20Page - Texas Instruments INA128PA Datasheet HTML 21Page - Texas Instruments INA128PA Datasheet HTML 22Page - Texas Instruments INA128PA Datasheet HTML 23Page - Texas Instruments INA128PA Datasheet HTML 24Page - Texas Instruments INA128PA Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
10 Power Supply Recommendations
The minimum power supply voltage for INA12x is ±2.25 V and the maximum power supply voltage is ±18 V.
This minimum and maximum range covers a wide range of power supplies; but for optimum performance, ±15
V is recommended. Add a bypass capacitor at the input to compensate for the layout and power supply source
impedance.
10.1 Low-Voltage Operation
The INA12x operate on power supplies as low as ±2.25 V. Performance remains excellent with power supplies
ranging from ±2.25 V to ±18 V. Most parameters vary only slightly throughout this supply voltage range; see
Section 7.6.
Operation at very-low supply voltages requires careful attention to make sure that the input voltages remain
within the linear range. Voltage swing requirements of internal nodes limit the input common-mode range with
low power-supply voltage. Figure 7-6 shows the range of linear operation for ±15-V, ±5-V, and ±2.5-V supplies.
11 Layout
11.1 Layout Guidelines
Place the power-supply bypass capacitor as close as possible to the supply and ground pins. The recommended
value of this bypass capacitor is 0.1 μF to 1 μF. If necessary, add more decoupling capacitance to compensate
for noisy or high-impedance power supplies. These decoupling capacitors must be placed between the power
supply and INA12x devices.
The gain resistor must be placed close to pin 1 and pin 8. This placement limits the layout loop and minimizes
any noise coupling into the devices.
11.2 Layout Example
Bypass
Capacitor
Bypass
Capacitor
Gain Resistor
R
6
V
IH–
V +
IH
V–
R
6
V+
V
O
REF
–
+
V+
V
OUT
GND
V
IN
V
IN
GND
V–
Figure 11-1. Recommended Layout
www.ti.com
INA128, INA129
SBOS051F – OCTOBER 1995 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA128 INA129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com