Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA128PA Datasheet(PDF) 13 Page - Texas Instruments

Part # INA128PA
Description  INA12x Precision, Low-Power Instrumentation Amplifiers
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA128PA Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA128PA Datasheet HTML 9Page - Texas Instruments INA128PA Datasheet HTML 10Page - Texas Instruments INA128PA Datasheet HTML 11Page - Texas Instruments INA128PA Datasheet HTML 12Page - Texas Instruments INA128PA Datasheet HTML 13Page - Texas Instruments INA128PA Datasheet HTML 14Page - Texas Instruments INA128PA Datasheet HTML 15Page - Texas Instruments INA128PA Datasheet HTML 16Page - Texas Instruments INA128PA Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
8.3 Feature Description
The INA12x are low power, general-purpose instrumentation amplifiers offering excellent accuracy. The versatile
three-op-amp design and small size make the amplifiers an excellent choice for a wide range of applications.
Current-feedback input circuitry provides wide bandwidth, even at high gain. A single external resistor sets
any gain from 1 to 10,000. The INA12x are laser trimmed for very low offset voltage (25 μV typical) and high
common-mode rejection (93 dB at G ≥ 100). These devices operate with power supplies as low as ±2.25 V, and
a quiescent current of 2 mA, typically. The internal input protection can withstand up to ±40 V without damage,
as shown in Figure 7-10.
8.3.1 Noise Performance
The INA12x provide very low noise in most applications. Low-frequency noise is approximately 0.2 µVPP
measured from 0.1 to 10 Hz (G ≥ 100). This feature provides dramatically improved noise when compared
to state-of-the-art chopper-stabilized amplifiers.
1s/div
0.1 V/div
m
G ≥ 100
Figure 8-1. 0.1-Hz to 10-Hz Input-Referred Voltage Noise
8.4 Device Functional Modes
The INA12x have a single functional mode and operate when the power-supply voltage is greater than 4.5 V
(±2.25 V). The maximum power-supply voltage for the INA12x is 36 V (±18 V).
www.ti.com
INA128, INA129
SBOS051F – OCTOBER 1995 – REVISED MAY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA128 INA129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com