Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA186A2IDDFR Datasheet(PDF) 27 Page - Texas Instruments

Part # INA186A2IDDFR
Description  INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA186A2IDDFR Datasheet(HTML) 27 Page - Texas Instruments

Back Button INA186A2IDDFR Datasheet HTML 23Page - Texas Instruments INA186A2IDDFR Datasheet HTML 24Page - Texas Instruments INA186A2IDDFR Datasheet HTML 25Page - Texas Instruments INA186A2IDDFR Datasheet HTML 26Page - Texas Instruments INA186A2IDDFR Datasheet HTML 27Page - Texas Instruments INA186A2IDDFR Datasheet HTML 28Page - Texas Instruments INA186A2IDDFR Datasheet HTML 29Page - Texas Instruments INA186A2IDDFR Datasheet HTML 30Page - Texas Instruments INA186A2IDDFR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
Current
Sense Output
RSHUNT
VIA to Ground
Plane
CBYPASS
RF
(1)
RF
(1)
CF
(1)
Connect to Supply
(1.7 V to 5.5 V)
Connect to Control or VS
(Do not float)
IN±
IN+
OUT
GND
VS
ENABLE
B1
B2
B3
A1
A2
A3
Figure 10-3. Recommended Layout DSBGA (YFD) Package
www.ti.com
INA186
SBOS318B – APRIL 2019 – REVISED JULY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: INA186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com