Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA186A2IDDFR Datasheet(PDF) 6 Page - Texas Instruments

Part # INA186A2IDDFR
Description  INA186 Bidirectional, Low-Power, Zero-Drift, Wide Dynamic Range, Current-Sense Amplifier With Enable
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA186A2IDDFR Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA186A2IDDFR Datasheet HTML 2Page - Texas Instruments INA186A2IDDFR Datasheet HTML 3Page - Texas Instruments INA186A2IDDFR Datasheet HTML 4Page - Texas Instruments INA186A2IDDFR Datasheet HTML 5Page - Texas Instruments INA186A2IDDFR Datasheet HTML 6Page - Texas Instruments INA186A2IDDFR Datasheet HTML 7Page - Texas Instruments INA186A2IDDFR Datasheet HTML 8Page - Texas Instruments INA186A2IDDFR Datasheet HTML 9Page - Texas Instruments INA186A2IDDFR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
at TA = 25°C, VSENSE = VIN+ – VIN–, VS = 1.8 V to 5.0 V, VIN+ = 12 V, VREF = VS / 2, and VENABLE = VS (unless otherwise
noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
IQDIS
Quiescent current disabled
VENABLE = 0 V, VSENSE = 0 mV
10
100
nA
(1)
RTI = referred-to-input.
6.6 Typical Characteristics
at TA = 25°C, VSENSE = VIN+ – VIN-, VS = 1.8 V to 5.0 V, VIN+ = 12 V, VREF = VS / 2, VENABLE = VS, and for all gain options
(unless otherwise noted)
Frequency (Hz)
-20
-10
0
10
20
30
40
50
60
10
100
1k
10k
100k
1M
D019
A1
A2
A3
A4
A5
VS = 5 V
Figure 6-1. Gain vs. Frequency
Frequency (Hz)
0
20
40
60
80
100
120
140
10
100
1k
10k
100k
1M
D020
VS = 5 V
Figure 6-2. Power-Supply Rejection Ratio vs. Frequency
Frequency (Hz)
40
60
80
100
120
140
160
10
100
1k
10k
100k
1M
D021
A3 devices
Figure 6-3. Common-Mode Rejection Ratio vs. Frequency
Output Current (mA)
0
1
2
3
4
5
6
7
8
9
10
11
Vs
Vs-0.4
Vs-0.8
GND
GND+0.4
GND+0.8
D010
-40°C
25°C
125°C
VS = 1.8 V
Figure 6-4. Output Voltage Swing vs. Output Current
INA186
SBOS318B – APRIL 2019 – REVISED JULY 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA186



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com