Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW18025 Datasheet(PDF) 2 Page - Chemtronics. All rights reserved

Part # SW18025
Description  Soder-Wick® Rosin Flux Desoldering Braid
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMTRONICS [Chemtronics. All rights reserved]
Direct Link  https://www.chemtronics.com/
Logo CHEMTRONICS - Chemtronics. All rights reserved

SW18025 Datasheet(HTML) 2 Page - Chemtronics. All rights reserved

  SW18025 Datasheet HTML 1Page - Chemtronics. All rights reserved SW18025 Datasheet HTML 2Page - Chemtronics. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-770-424-4888 Ÿ www.chemtronics.com
Rev. G (9/18) Page 2 of 2
VacuPakÔPackaging
The VacuPakÔ Can contains
ten five-foot bobbins in a
vacuum sealed can. This
package provides the highest
level of cleanliness and
freshness. Great for tool kit
storage.
Part #
Size
SW18015
1
SW18025
2
SW18035
3
SW18045
4
SW18055
5
Part #
Size
Length
Part #
Size
Length
Part #
Size
Length
Part #
Size
Length
Part #
Size
Length
80-1-5
1
5’
80-1-10
1
10’
50-1-25
1
25’
80-2-5
2
5’
80-2-10
2
10’
50-2-25
2
25’
50-2-100
2
100’
50-2-500
2
500’
80-3-5
3
5’
80-3-10
3
10’
50-3-25
3
25’
50-3-100
3
100’
80-4-5
4
5’
80-4-10
4
10’
50-4-25
4
25’
50-4-100
4
100’
80-5-5
5
5’
80-5-10
5
10’
50-5-25
5
25’
80-6-5
6
5’
50-6-25
6
25’
8125 Cobb Center Drive, Kennesaw, GA 30152 Ÿ 1-770-424-4888 Ÿ www.chemtronics.com
Soder-WickÒ Rosin Flux
Desoldering Braid
Usage Instructions
For industrial use only. Read SDS carefully prior to use.
1) Choose a Soder-WickÒ braid width equal to or slightly
larger than the pad or connection.
2) Choose a solder iron tip equal to or slightly larger than
the pad or connection.
3) Set temperature of iron between 600-750
°F.
4) Place wick on solder joint and place tip of hot iron on
top of wick.
5) As solder becomes molten, the color of the wick will
change from copper to silver.
6) Remove wick and iron from joint simultaneously once
color change has stopped.
7) The component lead / pad is now clean and free from
solder.
8) Clip and discard used portion of the wick
9) If needed, clean PCB with CircuitWorks Flux Remover
Pen and remove soils with a ControlWipes absorbent
wipe.
Availability
Soder-Wick Is Designed To Meet or Exceed the
Following:
§
MIL-F-14256F, Type R
§
NASA-STD-8739.3
§
DOD-STD-883E, Method 2022
§
ANSI/IPC J STD-004, Type ROL0
§
BELLCORE TR-NWT-000078
§
ANSI/IPC J SF-818
HELPFUL HINTS:
Water Soluble Users: Use Soder-Wick Unfluxed 70 or 75
Series to dip in water soluble flux and then desolder normally.
Ball Grid Array: Use #6 red Soder-Wick with a large tipped
iron to remove solder from a number of BGA pads all at once.
Technical and Application Assistance
Chemtronics provides a technical hotline to answer your
technical and application related questions.
The toll free number is: 1-800-TECH-401.
Note:
This information is believed to be accurate. It is intended for
professional end users having the skills to evaluate and use
the data properly. CHEMTRONICS does not guarantee the
accuracy of the data and assumes no liability in connection
with damages incurred while using it.
Chemtronics
â, Soder-Wickâ and CircuitWorksâ are registered trademarks of
Chemtronics. All rights reserved. Vacu-Pak
ä and ControlWipesä are trademarks
of Chemtronics. All rights reserved.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com