Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW18025 Datasheet(PDF) 1 Page - Chemtronics. All rights reserved

Part # SW18025
Description  Soder-Wick® Rosin Flux Desoldering Braid
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMTRONICS [Chemtronics. All rights reserved]
Direct Link  https://www.chemtronics.com/
Logo CHEMTRONICS - Chemtronics. All rights reserved

SW18025 Datasheet(HTML) 1 Page - Chemtronics. All rights reserved

  SW18025 Datasheet HTML 1Page - Chemtronics. All rights reserved SW18025 Datasheet HTML 2Page - Chemtronics. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev. G (9/18) Page 1 of 2
1-770-424-4888 Ÿ www.chemtronics.com
Part #
Size Inches
Color
Size Metric
1
.030”
White/Gray
0.8mm
2
.060”
Yellow
1.5mm
3
.080”
Green
2.0mm
4
.110”
Blue
2.8mm
5
.145”
Brown
3.7mm
6
.210
Red
5.3mm
Typical Product Data and Physical Properties
Flux Type:
Rosin Grade WW, Type “R”
Patented No Clean
High Temperature No Clean
Specifications:
ANSI/IPC J STD-004
MIL-F-14256 F
Shelf Life:
2 years
RoHS Compliant
Yes
Soder-WickÒ Rosin Flux
Desoldering Braid
Product Description
Soder-WickÒ offers the state of the art in desoldering
technology. Soder-WickÒ is designed for today’s heat sensitive
electronic components using lighter mass, pure copper braid
construction that allows for better thermal conductivity, even at
low temperatures. Soder-WickÒ responds faster than
conventional desoldering braids thereby minimizing
overheating and preventing PCB damage.
Soder-Wick Rosin has the fastest desoldering action in the
industry. Flux residues must be cleaned after the rework
process.
Typical Applications
Soder-WickÒ desoldering braid safely removes solder from:
§
Thru-hole Components
§
SMT Pads and BGA Pads
§
Micro Circuits
§
Terminals
§
Lugs and Posts
§
Identification Script
Static Dissipative Packaging
Soder-Wick is packaged on Static Dissipative bobbins in 5 and
10-foot lengths to minimize the risk of damage associated with
static electricity. The static dissipative bobbins qualify as
electrostatic discharge protective per MIL-STD-1686C and
MIL-HDBK-263B, and meet the static delay rate provision of
MIL-B-81705C.


Similar Part No. - SW18025

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SW1801 ETC1-SW1801 Datasheet
34Kb / 1P
MEC Shake Switch
logo
Xian Semipower Electron...
SW180N06A SEMIPOWER-SW180N06A Datasheet
754Kb / 5P
N-channel TO-220 MOSFET
SW180N75A SEMIPOWER-SW180N75A Datasheet
546Kb / 5P
N-channel TO-220 MOSFET
More results

Similar Description - SW18025

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0051317799 MOLEX1-0051317799 Datasheet
31Kb / 1P
WXMT Micro-Desoldering Tweezers, No Tip Cartridge
logo
List of Unclassifed Man...
A1002 ETC2-A1002 Datasheet
188Kb / 1P
Desoldering Gun for HAKKO 474.475
A1042 ETC1-A1042 Datasheet
1Mb / 24P
Desoldering Tool
logo
OKI electronic componet...
MX-5000 OKI-MX-5000 Datasheet
1Mb / 12P
Soldering, Desoldering and Rework System
MFR-1300 OKI-MFR-1300 Datasheet
124Kb / 2P
MFR-1300 Desoldering System
logo
List of Unclassifed Man...
DX110 ETC2-DX110 Datasheet
1Mb / 24P
Desoldering & Rework Stations
SW3PF-100 ETC2-SW3PF-100 Datasheet
392Kb / 9P
DESOLDERING BRAID
logo
Aven, Inc.
17501 AVEN-17501 Datasheet
668Kb / 1P
Soldering/Desoldering Kit - 6pc
17502 AVEN-17502 Datasheet
668Kb / 1P
Soldering/Desoldering Kit - 7pc
logo
List of Unclassifed Man...
EF-8000GL ETC-EF-8000GL Datasheet
204Kb / 4P
Low Rosin, Pb-Free/Sn-Pb Capable Wave Flux
12-16-09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com